Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP3422 Datasheet(PDF) 2 Page - BCD Semiconductor Manufacturing Limited

Part # AP3422
Description  Dual 1.1MHz, 800mA Synchronous DC-DC Buck Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3422 Datasheet(HTML) 2 Page - BCD Semiconductor Manufacturing Limited

  AP3422 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP3422 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP3422 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP3422 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP3422 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3422 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3422 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3422 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3422 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Preliminary Datasheet
Dual 1.1MHz, 800mA Synchronous DC-DC Buck Converter
AP3422
Sep. 2011 Rev. 1. 1
BCD Semiconductor Manufacturing Limited
2
Pin Configuration
DN Package
(DFN-3×3-10)
Pin 1 Mark
1
2
3
4
56
7
8
9
10
EN1
FB1
VIN2
GND2
SW2
EN2
FB2
VIN1
GND1
SW1
Exposed
Pad
Figure 2. Pin Configuration of AP3422 (Top View)
Pin Description
Pin Number
Pin Name
Function
1
EN1
Channel 1 enable control input. Drive EN1 above 1.5V to turn on the
Channel 1. Drive EN1 below 0.6V to turn it off (shutdown current <
0.1µA)
2
FB1
Channel 1 feedback input. Connect FB1 to the center point of the external
resistor divider. The feedback voltage is 0.6V
3
VIN2
Channel 2 supply input. Bypass to GND with a 10µF or greater ceramic
capacitor
4
GND2
Ground 2
5
SW2
Channel 2 power switch output. Inductor connection to drains of the
internal PFET and NFET switches
6
EN2
Channel 2 Enable Control Input. Drive EN2 above 1.5V to turn on the
Channel 2. Drive EN2 below 0.6V to turn it off (shutdown current <
0.1µA)
7
FB2
Channel 2 feedback input. Connect FB2 to the center point of the external
resistor divider. The feedback voltage is 0.6V
8
VIN1
Channel 1 supply input. Bypass to GND with a 10µF or greater ceramic
capacitor
9
GND1
Ground 1
10
SW1
Channel 1 power switch output. Inductor connection to drains of the
internal PFET and NFET switches



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com