Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS358AM-G1 Datasheet(PDF) 9 Page - BCD Semiconductor Manufacturing Limited

Part # AS358AM-G1
Description  LOW POWER DUAL OPERATIONAL AMPLIFIERS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AS358AM-G1 Datasheet(HTML) 9 Page - BCD Semiconductor Manufacturing Limited

Back Button AS358AM-G1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AS358AM-G1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AS358AM-G1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AS358AM-G1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AS358AM-G1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AS358AM-G1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AS358AM-G1 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AS358AM-G1 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AS358AM-G1 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LOW POWER DUAL OPERATIONAL AMPLIFIERS
AS358/358A
9
BCD Semiconductor Manufacturing Limited
Jan. 2013 Rev. 2. 2
Data Sheet
Figure 17. DC Summing Amplifier
Figure 16. Power Amplifier
Figure 15. Battery Charger
R6 100k
V
O
R5
100k
R1 100k
R2 100k
R3 100k
R4 100k
+V
1
+V
2
+V
3
+V
4
1/2 AS358/A
+
-
AC
Line
SMPS
R2
Current
Sense
R7
R8
Battery
Pack
R4
R3
AZ431
R5
R1
Opto
Isolator
V
CC
GND
GND
1/2
AS358/A
+
-
1/2
AS358/A
R6
+
-
V
CC
Typical Application
R1 910K
V
O
R2 100K
R3 91K
V
IN(+)
V
CC
R
L
1/2 AS358/A
-
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com