Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSOC400RT Datasheet(PDF) 19 Page - Murata Manufacturing Co., Ltd.

Part # FSOC400RT
Description  FERRITE BEAD INDUCTORS, EMI SUPPRESSION FILTER COMPACT DISC-TYPE
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

FSOC400RT Datasheet(HTML) 19 Page - Murata Manufacturing Co., Ltd.

Back Button FSOC400RT Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. FSOC400RT Datasheet HTML 15Page - Murata Manufacturing Co., Ltd. FSOC400RT Datasheet HTML 16Page - Murata Manufacturing Co., Ltd. FSOC400RT Datasheet HTML 17Page - Murata Manufacturing Co., Ltd. FSOC400RT Datasheet HTML 18Page - Murata Manufacturing Co., Ltd. FSOC400RT Datasheet HTML 19Page - Murata Manufacturing Co., Ltd. FSOC400RT Datasheet HTML 20Page - Murata Manufacturing Co., Ltd. FSOC400RT Datasheet HTML 21Page - Murata Manufacturing Co., Ltd. FSOC400RT Datasheet HTML 22Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
CG01-I
265
EMI LEADED FILTERS
FEED-THRU CAPACITORS
SUBMINIATURE
DF220, DF221(H), DF430, TF240(H) & DF331(H) Series
SPECIFICATIONS
Part Number*
Cap. Value
Cap. Tol.
WVDC
Insertion Loss at 25°C (Typ.)
10MHz
100MHz
1GHz
DF220
‚DF220-00SL020U50
2pF
+0, –100%
50V
—
—
—
‚DF220-00SL150M50
15pF
±20%
50V
—
—
6
‚DF220-00SL220M50
22pF
±20%
50V
—
—
7
‚DF220-00YN430M50
43pF
±20%
50V
—
1
15
‚DF220-00B121M50
120pF
±20%
50V
—
3
20
‚DF220-00B221M50
220pF
±20%
50V
—
7
25
‚DF220-00B471M50
470pF
±20%
50V
—
12
30
‚DF220-00E102Z50
1000pF
+80, –20%
50V
3
18
35
‚DF220-00SS152GMV50
1500pF
+200, –0%
50V
5
20
40
DF221(H)
DF221-
SL020U50
2pF
+0, –100%
50V
—
—
—
DF221-
SL150M50
15pF
±20%
50V
—
—
6
DF221-
SL220M50
22pF
±20%
50V
—
—
7
DF221-
YN430M50
43pF
±20%
50V
—
1
15
DF221-
B121M50
120pF
±20%
50V
—
3
20
DF221-
B221M50
220pF
±20%
50V
—
7
25
DF221-
B471M50
470pF
±20%
50V
—
12
30
DF221(H)-
E(F)102Z50
1000pF
+80, –20%
50V
3
18
35
DF221-
SS152GMV50
1500pF
+200, –0%
50V
5
20
40
DF430
‚DF430-0SS332GMV50
3300pF
+200, –0%
50V
10
25
45
TF240(H)
TF240 -
SL020D50
2pF
±0.5pF
50V
—
—
—
TF240 -
SL220M50
22pF
±20%
50V
—
—
7
TF240 -
B331M50
330pF
±20%
50V
—
10
27
TF240(H)-
E(F)102GMV50
1000pF
+200, –0%
50V
3
18
35
TF240 -
SS332Z50
3300pF
+80, –20%
50V
10
25
45
DF331(H)
DF331-
SL010P50
1pF
+100, –0%
50V
—
—
—
DF331-
SL100G50
10pF
±2pF
50V
—
—
—
DF331-
SL220M50
22pF
±20%
50V
—
—
7
DF331-
SL330M50
33pF
±20%
50V
—
—
12
DF331-
YN470M50
47pF
±20%
50V
—
—
15
DF331-
YN101M50
100pF
±20%
50V
—
2
19
DF331(H)-
E(F)102GMV50
1000pF
+200, –0%
50V
3
18
35
DF331-
SS332GMV50
3300pF
+200, –0%
50V
10
25
45
• Operating Temp. Range: Std. = –25°C to +85°C, H = –55°C to +125°C • Insulation Resistance: 1000M Ohms min. *
— See DIMENSIONS
For other capacitance values, consult your local Murata Electronics Sales Office.
‚Available as standard through authorized Murata Electronics Distributors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com