Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSOC600RN Datasheet(PDF) 10 Page - Murata Manufacturing Co., Ltd.

Part # FSOC600RN
Description  FERRITE BEAD INDUCTORS, EMI SUPPRESSION FILTER COMPACT DISC-TYPE
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

FSOC600RN Datasheet(HTML) 10 Page - Murata Manufacturing Co., Ltd.

Back Button FSOC600RN Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. FSOC600RN Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. FSOC600RN Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. FSOC600RN Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. FSOC600RN Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. FSOC600RN Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. FSOC600RN Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. FSOC600RN Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. FSOC600RN Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
256
CG01-I
EMI LEADED FILTERS
EMI SUPPRESSION FILTERS
VARISTOR-CAPACITOR
The DSS706 Varistor-Capacitor is a three-terminal filter which
suppresses noise emission from electronic equipment while
controlling incoming surges of static electricity. Its small size
enables 2.5mm pitch mounting.
APPLICATIONS
Elimination of noise and protection of semiconductors in office
automation equipment, including computers, peripheral equipment,
copy machines, and communication terminals.
FEATURES
s Protects circuits from electrical surges and acts as a filter for
signal lines.
s Effectively suppresses high-frequency noise from signal lines.
(Performance equivalent to conventional three-terminal capacitor.)
s Small size enables it to be mounted at 2.5mm pitch.
Three-terminal structure leads to superior high-frequency
characteristics.
s Built-in ferrite bead provides excellent EMI suppression.
PART NUMBERING SYSTEM
SPECIFICATIONS
DIMENSIONS: mm
TYPICAL INSERTION LOSS CHARACTERISTICS
0
20
40
60
10.0
100.0
1000.0
Frequency (MHz)
8.0 max.
DSS706
—
351
D
221M
25
—
50
SERIES
LEAD
TEMP.
CAPACITANCE
RATED
VARISTOR
CONFIGURATION
CHAR.
AND
VOLTAGE
VOLTAGE
351 = Bulk
TOLERANCE
431 = Taped
F1 F1
5.0 ± 0.5
F1: 2.5 ± 0.5
25.0 min.
2.54 max.
10.5 max.
0.6 D.
3 x 0.8
2.5 ± 0.2
Mounting Hole
DSS706 Series
‚Available as standard through authorized Murata Electronics Distributors.
Part Number
Capacitance
Capacitance
Rated
Max. Rated
Varistor
Peak Pulse
Operating
Temp. Char.
Voltage
Current
Voltage
Current
Temp. Range
‚DSS706-351D221M25-50
220pF ± 20%
+20%, –30%
25VDC
6 Amps
50 ± 20%
100A
– 40 to +105°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com