Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM7434N Datasheet(PDF) 1 Page - Analog Power

Part # AM7434N
Description  N-Channel 30-V (D-S) MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGPOWER [Analog Power]
Direct Link  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM7434N Datasheet(HTML) 1 Page - Analog Power

  AM7434N Datasheet HTML 1Page - Analog Power AM7434N Datasheet HTML 2Page - Analog Power AM7434N Datasheet HTML 3Page - Analog Power AM7434N Datasheet HTML 4Page - Analog Power AM7434N Datasheet HTML 5Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Analog Power
AM7434N
N-Channel 30-V (D-S) MOSFET
VDS (V)
ID(A)
27
24
Symbol
Limit
Units
VDS
30
VGS
±20
TA=25°C
27
TA=70°C
21
IDM
100
IS
6.8
A
TA=25°C
5
TA=70°C
3.2
TJ, Tstg
-55 to 150
°C
Symbol
Maximum
Units
25
65
Notes
a.
Surface Mounted on 1” x 1” FR4 Board.
b.
Pulse width limited by maximum junction temperature
Pulsed Drain Current
b
Continuous Source Current (Diode Conduction)
a
THERMAL RESISTANCE RATINGS
°C/W
Parameter
Operating Junction and Storage Temperature Range
ABSOLUTE MAXIMUM RATINGS (TA = 25°C UNLESS OTHERWISE NOTED)
V
Parameter
Drain-Source Voltage
Maximum Junction-to-Ambient
a
Continuous Drain Current
a
PRODUCT SUMMARY
30
rDS(on) (mΩ)
4.9 @ VGS = 10V
5.9 @ VGS = 4.5V
Gate-Source Voltage
Power Dissipation
a
t <= 10 sec
Steady State
RθJA
ID
A
PD
W
Key Features:
• Low rDS(on) trench technology
• Low thermal impedance
• Fast switching speed
Typical Applications:
• White LED boost converters
• Automotive Systems
• Industrial DC/DC Conversion Circuits
DFN5X6-8L
© Preliminary
1
Publication Order Number:
DS_AM7434N_1A


Similar Part No. - AM7434N

ManufacturerPart #DatasheetDescription
logo
Analog Power
AM7430N ANALOGPOWER-AM7430N Datasheet
367Kb / 5P
N-Channel 30-V (D-S) MOSFET
AM7431P ANALOGPOWER-AM7431P Datasheet
193Kb / 3P
P-Channel 30-V (D-S) MOSFET
AM7432N ANALOGPOWER-AM7432N Datasheet
182Kb / 3P
N-Channel 30-V (D-S) MOSFET
AM7433P ANALOGPOWER-AM7433P Datasheet
79Kb / 3P
P-Channel 30-V (D-S) MOSFET
AM7435P ANALOGPOWER-AM7435P Datasheet
377Kb / 5P
P-Channel 30-V (D-S) MOSFET
More results

Similar Description - AM7434N

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI3456DV VISHAY-SI3456DV Datasheet
61Kb / 4P
N-Channel 30-V (D-S) MOSFET
23-Nov-98
SI1304BDL VISHAY-SI1304BDL_08 Datasheet
123Kb / 7P
N-Channel 30-V (D-S) MOSFET
03-Oct-05
SI1426DH VISHAY-SI1426DH_08 Datasheet
71Kb / 5P
N-Channel 30-V (D-S) MOSFET
18-Feb-02
SI2316BDS VISHAY-SI2316BDS Datasheet
107Kb / 6P
N-Channel 30-V (D-S) MOSFET
02-Jul-07
SI3424BDV VISHAY-SI3424BDV Datasheet
144Kb / 7P
N-Channel 30-V (D-S) MOSFET
24-Dec-07
SI3454CDV VISHAY-SI3454CDV Datasheet
144Kb / 7P
N-Channel 30-V (D-S) MOSFET
26-May-08
SI3456CDV VISHAY-SI3456CDV Datasheet
138Kb / 7P
N-Channel 30-V (D-S) MOSFET
04-Feb-08
SUM90N03-2M2P VISHAY-SUM90N03-2M2P Datasheet
136Kb / 6P
N-Channel 30-V (D-S) MOSFET
10-Sep-07
logo
Guangdong Kexin Industr...
KI2304DS KEXIN-KI2304DS Datasheet
49Kb / 2P
N-Channel 30-V (D-S) MOSFET
KI1304BDL KEXIN-KI1304BDL Datasheet
71Kb / 2P
N-Channel 30-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com