Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSA30C200PB Datasheet(PDF) 1 Page - IXYS Corporation

Part # DSA30C200PB
Description  High Performance Schottky Diode Low Loss and Soft Recovery Common Cathode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

DSA30C200PB Datasheet(HTML) 1 Page - IXYS Corporation

  DSA30C200PB Datasheet HTML 1Page - IXYS Corporation DSA30C200PB Datasheet HTML 2Page - IXYS Corporation DSA30C200PB Datasheet HTML 3Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DSA 30 C 200 PB
advanced
Schottky Diode Gen ²
Symbol
Definition
R a t i n g s
Features / Advantages:
typ.
max.
I
FSM
I
R
A
V
120
I
A
V
F
0.94
R
1.75 K/W
V
R =
1
2
3
min.
15
t = 10 ms
Applications:
VRRM
V
200
0.25
T
VJ
V°C
=
T
VJ
°C
=mA
2.5
Package:
Part number
V
R =
T
VJ =°C
I
F
=A
V
TC = 150°C
d =
P
tot
85
W
TC
°C
=
T
VJ
175
°C
-55
V
I
RRM =
=
200
15
15
T
VJ =
45°C
DSA 30 C 200 PB
V
A
200
V
200
25
25
25
max. repetitive reverse voltage
reverse current
forward voltage
virtual junction temperature
total power dissipation
max. forward surge current
Conditions
Unit
1.10
TVJ
°C
=25
C
J
junction capacitance
V=
V;
24
T
125
V
F0
V
0.53
T
VJ = 175°C
rF
10.8
Ω
f = 1 MHz
=
°C
25
m
V
0.78
TVJ =°C
IF =A
V
15
0.95
I
F
=A
30
IF =A
30
2x
threshold voltage
slope resistance
for power loss calculation only
Backside: cathode
(50 Hz), sine
V
F
=
0.78 V
● Housing:
High Performance Schottky Diode
Low Loss and Soft Recovery
Common Cathode
TO-220
●rIndustry standard outline
●rEpoxy meets UL 94V-0
●rRoHS compliant
R
VJ
mA
67
pF
thermal resistance junction to case
thJC
rectangular
0.5
● Very low Vf
● Extremely low switching losses
● low Irm values
● Improved thermal behaviour
● High reliability circuit operation
● Low voltage peaks for reduced
protection circuits
● Low noise switching
● Rectifiers in switch mode power
supplies (SMPS)
● Free wheeling diode in low voltage
converters
FAV
average forward current
FAV
125
IXYS reserves the right to change limits, conditions and dimensions.
20100628
Data according to IEC 60747and per diode unless otherwise specified
© 2010 IXYS all rights reserved


Similar Part No. - DSA30C200PB

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
DSA30C200PB ISC-DSA30C200PB Datasheet
270Kb / 2P
Schottky Barrier Rectifier
More results

Similar Description - DSA30C200PB

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
DSA30C60PB IXYS-DSA30C60PB Datasheet
113Kb / 2P
High Performance Schottky Diode Low Loss and Soft Recovery Common Cathode
DSB30C60PB IXYS-DSB30C60PB Datasheet
103Kb / 2P
High Performance Schottky Diode Low Loss and Soft Recovery Common Cathode
DSA50C150HB IXYS-DSA50C150HB Datasheet
91Kb / 3P
High Performance Schottky Diode Low Loss and Soft Recovery Common Cathode
DSB60C45HB IXYS-DSB60C45HB Datasheet
112Kb / 2P
High Performance Schottky Diode Low Loss and Soft Recovery Common Cathode
DSA20C100PB IXYS-DSA20C100PB Datasheet
100Kb / 4P
High Performance Schottky Diode Low Loss and Soft Recovery Common Cathode
DSA30C45PB IXYS-DSA30C45PB Datasheet
100Kb / 4P
High Performance Schottky Diode Low Loss and Soft Recovery Common Cathode
DSA60C60HB IXYS-DSA60C60HB Datasheet
92Kb / 4P
High Performance Schottky Diode Low Loss and Soft Recovery Common Cathode
DSA10C150UC IXYS-DSA10C150UC Datasheet
150Kb / 5P
High Performance Schottky Diode Low Loss and Soft Recovery Common Cathode
DSA30C45PC IXYS-DSA30C45PC Datasheet
96Kb / 4P
High Performance Schottky Diode Low Loss and Soft Recovery Common Cathode
DSA30C200IB IXYS-DSA30C200IB Datasheet
89Kb / 4P
High Performance Schottky Diode Low Loss and Soft Recovery Common Cathode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com