Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE4095 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4095
Description  SMC Jack Bulkhead Connector Crimp/Solder Attachment For RG174, RG316, RG188, .177 inch D Hole
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4095 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4095 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4095 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
SMC Jack Bulkhead Connector Crimp/Solder Attachment
For RG174, RG316, RG188, .177 inch D Hole
SMC Jack Bulkhead Connector Crimp/Solder Attachment For RG174, RG316, RG188, .177 inch D Hole
Configuration
Connector
SMC Jack
Connector Specification
MIL-STD-348A
Connector Interface Type
RG174,RG316,RG188
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Straight
Mount Method
Bulkhead
Electrical Specifications
Frequency Range, GHz
DC to 10
Impedance, Ohms
50
Maximum Operating Voltage, Volts
335
Dielectric Withstanding Voltage, Vrms
1,000
Frequency 1
Frequency, GHz
DC to 3
VSWR
1.3:1
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +165
Size
Length, in [mm]
0.86 [21.84]
Width/Dia., in [mm]
0.25 [6]
.
Weight, lbs [g]
0.006 [2.72]
Connector
Type
SMC Jack
Contact Material and Plating
Brass, Gold
Contact Plating Specification
30µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/smc-jack-standard-rg174-rg316-rg188-connector-pe4095-p.aspx
SMC Jack Bulkhead Connector Crimp/Solder Attachment For RG174, RG316, RG188, .177 inch D Hole from Pasternack
Enterprises has same day shipment for domestic and International orders. We maintain 99% availability of the industry’s
PE4095
PE4095 REV


Similar Part No. - PE4095

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4095 PASTERNACK-PE4095 Datasheet
359Kb / 3P
SMC Jack Bulkhead Mount Connector Crimp/Solder Attachment
PE4095 PASTERNACK-PE4095_16 Datasheet
359Kb / 3P
SMC Jack Bulkhead Mount Connector Crimp/Solder Attachment
More results

Similar Description - PE4095

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4045 PASTERNACK-PE4045 Datasheet
261Kb / 3P
SMC Plug Connector Crimp/Solder Attachment For RG174 RG316 RG188
PE4094 PASTERNACK-PE4094 Datasheet
258Kb / 2P
SMC Jack Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE4276 PASTERNACK-PE4276 Datasheet
262Kb / 2P
SMB Jack Bulkhead Connector Clamp/Solder Attachment For RG174, RG316, RG188, .177 inch D Hole
PE4278 PASTERNACK-PE4278 Datasheet
873Kb / 2P
SMC Jack Bulkhead Connector Clamp/Solder Attachment For RG174, RG316, RG188, .177 inch D Hole
PE4097 PASTERNACK-PE4097 Datasheet
271Kb / 3P
SMB Jack Bulkhead Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE44373 PASTERNACK-PE44373 Datasheet
205Kb / 2P
RP MCX Jack Bulkhead Connector Crimp/Solder Attachment For RG174, RG316, RG188, .177 inch D Hole
PE44388 PASTERNACK-PE44388 Datasheet
226Kb / 3P
SSMA Female Bulkhead Connector Crimp/Solder Attachment For RG174, RG316, RG188, .177 inch D Hole
PE45157 PASTERNACK-PE45157 Datasheet
361Kb / 3P
SMC Jack Bulkhead Mount Connector Crimp - Solder Attachment for RG188-DS, RG316-DS, .177 inch D Hole
PE4336 PASTERNACK-PE4336 Datasheet
217Kb / 2P
SSMB Jack Bulkhead Connector Crimp - Solder Attachment For RG174, RG179, RG316, RG188, .126 inch D Hole
PE44405 PASTERNACK-PE44405 Datasheet
335Kb / 2P
SSMA Female Bulkhead Mount Connector Solder Attachment for RG174, RG316, RG188, .177 inch D Hole
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com