Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM7961P Datasheet(PDF) 1 Page - Analog Power

Part # AM7961P
Description  Dual P-Channel 60-V (D-S) MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGPOWER [Analog Power]
Direct Link  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM7961P Datasheet(HTML) 1 Page - Analog Power

  AM7961P Datasheet HTML 1Page - Analog Power AM7961P Datasheet HTML 2Page - Analog Power AM7961P Datasheet HTML 3Page - Analog Power AM7961P Datasheet HTML 4Page - Analog Power AM7961P Datasheet HTML 5Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Analog Power
AM7961P
Dual P-Channel 60-V (D-S) MOSFET
VDS (V)
ID (A)
-6.2
-5.7
Symbol
Limit
Units
VDS
-60
VGS
±20
TA=25°C
-6.2
TA=70°C
-5
IDM
-30
IS
-4.6
A
TA=25°C
2.5
TA=70°C
1.6
TJ, Tstg
-55 to 150
°C
Symbol
Maximum
Units
50
90
Notes
a.
Surface Mounted on 1” x 1” FR4 Board.
b.
Pulse width limited by maximum junction temperature
Pulsed Drain Current
b
Continuous Source Current (Diode Conduction)
a
THERMAL RESISTANCE RATINGS
°C/W
Parameter
Operating Junction and Storage Temperature Range
ABSOLUTE MAXIMUM RATINGS (TA = 25°C UNLESS OTHERWISE NOTED)
V
Parameter
Drain-Source Voltage
Maximum Junction-to-Ambient
a
Continuous Drain Current
a
PRODUCT SUMMARY
-60
rDS(on) (mΩ)
44 @ VGS = -10V
52 @ VGS = -4.5V
Gate-Source Voltage
Power Dissipation
a
t <= 10 sec
Steady State
RθJA
ID
A
PD
W
Key Features:
• Low rDS(on) trench technology
• Low thermal impedance
• Fast switching speed
Typical Applications:
• White LED boost converters
• Automotive Systems
• Industrial DC/DC Conversion Circuits
DFN5X6-8L
© Preliminary
1
Publication Order Number:
DS_AM7961P_1A


Similar Part No. - AM7961P

ManufacturerPart #DatasheetDescription
logo
Analog Power
AM7960N ANALOGPOWER-AM7960N Datasheet
310Kb / 5P
N-Channel 60-V (D-S) MOSFET
AM7962N ANALOGPOWER-AM7962N Datasheet
69Kb / 2P
Dual N-Channel 60-V (D-S) MOSFET
logo
Advanced Micro Devices
AM7968 AMD-AM7968 Datasheet
730Kb / 127P
TAXIchip Integrated Circuits(Transparent Asynchronous Xmitter-Receiver Interface)
AM7968-125DC AMD-AM7968-125DC Datasheet
730Kb / 127P
TAXIchip Integrated Circuits(Transparent Asynchronous Xmitter-Receiver Interface)
AM7968-125DKC AMD-AM7968-125DKC Datasheet
730Kb / 127P
TAXIchip Integrated Circuits(Transparent Asynchronous Xmitter-Receiver Interface)
More results

Similar Description - AM7961P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7949DP-T1-E3 VISHAY-SI7949DP-T1-E3 Datasheet
152Kb / 8P
Dual P-Channel 60-V (D-S) MOSFET
09-Feb-09
logo
VBsemi Electronics Co.,...
VB4610N VBSEMI-VB4610N Datasheet
728Kb / 9P
Dual P-Channel 60-V (D-S) MOSFET
VBA4670 VBSEMI-VBA4670 Datasheet
728Kb / 9P
Dual P-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SI7949DP VISHAY-SI7949DP_V01 Datasheet
304Kb / 12P
Dual P-Channel 60-V (D-S) MOSFET
09-Feb-09
logo
VBsemi Electronics Co.,...
VBA4625 VBSEMI-VBA4625 Datasheet
442Kb / 9P
Dual P-Channel 60-V (D-S) MOSFET
VBA4670 VBSEMI-VBA4670_V01 Datasheet
736Kb / 9P
Dual P-Channel 60-V (D-S) MOSFET
NDC7003P VBSEMI-NDC7003P Datasheet
497Kb / 9P
Dual P-Channel 60-V (D-S) MOSFET
NDS7003P VBSEMI-NDS7003P Datasheet
497Kb / 9P
Dual P-Channel 60-V (D-S) MOSFET
UPA607T VBSEMI-UPA607T Datasheet
504Kb / 9P
Dual P-Channel 60-V (D-S) MOSFET
UT6401L-AG6-R VBSEMI-UT6401L-AG6-R Datasheet
504Kb / 9P
Dual P-Channel 60-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com