Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPS404 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MPS404
Description  Chopper Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPS404 Datasheet(HTML) 1 Page - Motorola, Inc

  MPS404 Datasheet HTML 1Page - Motorola, Inc MPS404 Datasheet HTML 2Page - Motorola, Inc MPS404 Datasheet HTML 3Page - Motorola, Inc MPS404 Datasheet HTML 4Page - Motorola, Inc MPS404 Datasheet HTML 5Page - Motorola, Inc MPS404 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Motorola Small–Signal Transistors, FETs and Diodes Device Data
Chopper Transistor
PNP Silicon
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector – Emitter Voltage
VCEO
–35
Vdc
Collector – Base Voltage
VCBO
–40
Vdc
Emitter – Base Voltage
VEBO
–25
Vdc
Collector Current — Continuous
IC
–150
mAdc
Total Device Dissipation @ TA = 25°C
Derate above 25
°C
PD
625
5.0
mW
mW/
°C
Total Device Dissipation @ TC = 25°C
Derate above 25
°C
PD
1.5
12
Watts
mW/
°C
Operating and Storage Junction
Temperature Range
TJ, Tstg
– 55 to +150
°C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Ambient
RqJA(1)
200
°C/W
Thermal Resistance, Junction to Case
RqJC
83.3
°C/W
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector – Emitter Breakdown Voltage(2)
(IC = –10 mAdc, IB = 0)
V(BR)CEO
–35
—
Vdc
Collector – Base Breakdown Voltage
(IC = –10 mAdc, IE = 0)
V(BR)CBO
–40
—
Vdc
Emitter – Base Breakdown Voltage
(IE = –10 mAdc, IC = 0)
V(BR)EBO
–25
—
Vdc
Collector Cutoff Current
(VCB = –10 Vdc, IE = 0)
ICBO
—
–100
nAdc
Emitter Cutoff Current
(VBE = –10 Vdc, IC = 0)
IEBO
—
–100
nAdc
2. Pulse Test: Pulse Width
v 300 ms, Duty Cycle v 2.0%.
Preferred devices are Motorola recommended choices for future use and best overall value.
Order this document
by MPS404A/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MPS404A
Motorola Preferred Device
CASE 29–04, STYLE 1
TO–92 (TO–226AA)
1
2
3
© Motorola, Inc. 1996
COLLECTOR
3
2
BASE
1
EMITTER


Similar Part No. - MPS404

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
MPS404A CENTRAL-MPS404A Datasheet
80Kb / 2P
PNP SILICON CHOPPER TRANSISTOR
More results

Similar Description - MPS404

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
J112 MOTOROLA-J112 Datasheet
110Kb / 4P
JFET Chopper Transistor (N-Channel- Depletion)
MMBT404ALT1 MOTOROLA-MMBT404ALT1 Datasheet
95Kb / 4P
Chopper Transistor
logo
ON Semiconductor
J112 ONSEMI-J112 Datasheet
110Kb / 4P
JFET Chopper Transistor
1997
logo
Leshan Radio Company
MMBT404ALT1 LRC-MMBT404ALT1 Datasheet
43Kb / 2P
Chopper Transistor(PNP Silicon)
logo
List of Unclassifed Man...
MMBT404ALT1 ETC1-MMBT404ALT1 Datasheet
87Kb / 2P
Chopper Transistor
logo
Central Semiconductor C...
CMPT404A CENTRAL-CMPT404A Datasheet
123Kb / 2P
SURFACE MOUNT PNP SILICON CHOPPER TRANSISTOR
CP566 CENTRAL-CP566 Datasheet
199Kb / 2P
Small Signal Transistor PNP - Silicon Chopper Transistor Chip
logo
ON Semiconductor
BSR58LT1 ONSEMI-BSR58LT1 Datasheet
92Kb / 4P
JFET Chopper Transistor N?묬hannel ??Depletion
August, 2005 ??Rev. 1
logo
Central Semiconductor C...
CMPT404A CENTRAL-CMPT404A_10 Datasheet
327Kb / 2P
SURFACE MOUNT PNP SILICON CHOPPER TRANSISTOR
MPS404A CENTRAL-MPS404A Datasheet
80Kb / 2P
PNP SILICON CHOPPER TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com