Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D4NS-1AF Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # D4NS-1AF
Description  Multi-contact, Labor-saving, Environment-friendly, Next-generation Safety-door Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D4NS-1AF Datasheet(HTML) 1 Page - Omron Electronics LLC

  D4NS-1AF Datasheet HTML 1Page - Omron Electronics LLC D4NS-1AF Datasheet HTML 2Page - Omron Electronics LLC D4NS-1AF Datasheet HTML 3Page - Omron Electronics LLC D4NS-1AF Datasheet HTML 4Page - Omron Electronics LLC D4NS-1AF Datasheet HTML 5Page - Omron Electronics LLC D4NS-1AF Datasheet HTML 6Page - Omron Electronics LLC D4NS-1AF Datasheet HTML 7Page - Omron Electronics LLC D4NS-1AF Datasheet HTML 8Page - Omron Electronics LLC D4NS-1AF Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
CSM_D4NS_DS_E_5_2
Safety-door Switch
D4NS
Multi-contact, Labor-saving,
Environment-friendly, Next-generation
Safety-door Switch
• Lineup includes three contact models with 2NC/1NO and
3NC contact forms and MBB models in addition to the
previous contact forms 1NC/1NO, and 2NC.
• M12-connector models are available, saving on labor and
simplifying replacement.
• Standardized gold-clad contacts provide high contact
reliability.
Applicable to both standard loads and microloads.
• Variety of metallic heads available.
Model Number Structure
Model Number Legend
Switch (Standard type)
1. Conduit/Connector size
1:Pg13.5 (1-conduit)
2:G1/2 (1-conduit)
4:M20 (1-conduit)
6:G1/2 (2-conduit)
8:M20 (2-conduit)
9:M12 connector (1-conduit)
2. Built-in Switch
A:1NC/1NO (slow-action)
B:2NC (slow-action)
C:2NC/1NO (slow-action)
D:3NC (slow-action)
E:1NC/1NO (MBB contact)
F:2NC/1NO (MBB contact)
3. Head Mounting Direction
F:Four mounting directions possible (Front-side mounting at
shipping)/plastic
D:Four mounting directions possible (Front-side mounting at
shipping)/metal
Note: An order for the head part or the switch part alone cannot be
accepted. (The Operation Key is sold separately.)
Switch (High pull-force type)
1. Conduit size
2:G1/2 (1-conduit)
4:M20 (1-conduit)
2. Built-in Switch
A:1NC/1NO (slow-action)
B:2NC (slow-action)
C:2NC/1NO (slow-action)
D:3NC (slow-action)
Operation Key
1. Operation Key Type
1:Horizontal mounting
2:Vertical mounting
3:Adjustable mounting (Horizontal)
5:Adjustable mounting (Horizontal/Vertical)
Be sure to read the “Safety Precautions” on page 10 and
the “Precautions for All Safety Door Switches”.
12 3
D4NS-
@@@
1 2
D4NS-
@@F-SJ
1
D4DS-K
@


Similar Part No. - D4NS-1AF

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D4NS-1AF OMRON-D4NS-1AF Datasheet
3Mb / 16P
Safety-door Switch
2017.1
More results

Similar Description - D4NS-1AF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D4DS ETC1-D4DS Datasheet
1Mb / 12P
Safety-Door Switch
logo
Omron Electronics LLC
D4BL OMRON-D4BL Datasheet
214Kb / 12P
Guard Lock Safety-door Switch
D4BS OMRON-D4BS Datasheet
207Kb / 9P
Safety-door Switch
logo
PLX Technology
NAS7825 PLX-NAS7825 Datasheet
183Kb / 3P
Next Generation Multi-functional Networked Storage Solution
logo
Omron Electronics LLC
D4NL OMRON-D4NL Datasheet
2Mb / 18P
Guard Lock Safety-door Switch
logo
List of Unclassifed Man...
114-106077 ETC2-114-106077 Datasheet
280Kb / 2P
Crimping Next Generation
logo
Omron Electronics LLC
D4NL OMRON-D4NL_11 Datasheet
3Mb / 19P
Best-selling Guard Lock Safety-door Switch Available in Several Compact, Multi-contact Models
logo
TE Connectivity Ltd
C-1983780 TEC-C-1983780 Datasheet
169Kb / 1P
NEXT GENERATION GI3.3 RECEPTACLE CONTACT
logo
Omron Electronics LLC
D4SL-N OMRON-D4SL-N Datasheet
5Mb / 27P
Worlds smallest Class 6-contact Guard Lock Safety-door Switch
logo
Highly Electric Co., Lt...
EK-1-15-F HIGHLY-EK-1-15-F Datasheet
2Mb / 4P
EK SERIES SAFETY DOOR SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com