Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH7770E6 Datasheet(PDF) 21 Page - OSRAM GmbH

Part # SFH7770E6
Description  Ambient Light and Proximity Sensor
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH7770E6 Datasheet(HTML) 21 Page - OSRAM GmbH

Back Button SFH7770E6 Datasheet HTML 17Page - OSRAM GmbH SFH7770E6 Datasheet HTML 18Page - OSRAM GmbH SFH7770E6 Datasheet HTML 19Page - OSRAM GmbH SFH7770E6 Datasheet HTML 20Page - OSRAM GmbH SFH7770E6 Datasheet HTML 21Page - OSRAM GmbH SFH7770E6 Datasheet HTML 22Page - OSRAM GmbH SFH7770E6 Datasheet HTML 23Page - OSRAM GmbH SFH7770E6 Datasheet HTML 24Page - OSRAM GmbH SFH7770E6 Datasheet HTML 25Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
Measure
Signals
PS1, PS2,
PS3
Initialization
Wait 10 ms
PS1 >80 or
PS2 >80 or
PS3 >80 ?
YES
NO
PS3: max signal
and
PS1: min signal
?
YES
Event
detected:
„move left“
NO
PS1: max signal
and
PS3: min signal
?
YES
Event
detected:
„move right“
NO
PS2: min signal
?
Event
detected:
„move down“
PS2: max signal
?
Event
detected:
„move up“
YES
YES
NO
NO
Fig. 19: Gesture recognition sample flow for
SFH 7770 E6 and 3 LEDs.
Fig.
18:
Sample
setup
for
gesture
recognition
with
SFH
7770
E6,
each
comprising 3 LEDs.
detected by evaluating the relative signal
height of LEDs 1, 2 and 3.
A flowchart how to derive the direction of the
hand movement is presented in Fig. 19. The
operating principle of the flow is as follows:
1) Readout of all PS channels every 10ms.
A repeat rate of 10ms is the fastest possible
measurement rate for the proximity sensor.
The actual measurement of all three
proximity channels occurs within 1 ms to 2
ms (depending on the PS integration time
setting, i.e. after all three LED bursts are
finished). The PS data are then available
and accessible via the I²C bus. The total
minimum time delay is here 1 ms.
2) Check if a least one PS signal (channel 1,
2 or 3) is above a given threshold.
In order to eliminate unwanted response of
the sensor to noise, the signal value must
be above a fixed threshold level. A suitable
level has to be determined for each
application separately. Typical levels are
~80-100 output counts of the proximity
sensor.
3) Determine which channel has the
maximum and minimum signal values
The minimum and maximum evaluation is
only done if at least one of the considered
proximity signals is above the threshold
level.
Otherwise,
a
new
proximity
measurement is initiated.
February 27, 2012
page 21 of 33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com