Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH4045 Datasheet(PDF) 12 Page - OSRAM GmbH

Part # SFH4045
Description  Emitters and Detectors for Infrared (IR) Touchscreens
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH4045 Datasheet(HTML) 12 Page - OSRAM GmbH

Back Button SFH4045 Datasheet HTML 6Page - OSRAM GmbH SFH4045 Datasheet HTML 7Page - OSRAM GmbH SFH4045 Datasheet HTML 8Page - OSRAM GmbH SFH4045 Datasheet HTML 9Page - OSRAM GmbH SFH4045 Datasheet HTML 10Page - OSRAM GmbH SFH4045 Datasheet HTML 11Page - OSRAM GmbH SFH4045 Datasheet HTML 12Page - OSRAM GmbH SFH4045 Datasheet HTML 13Page - OSRAM GmbH SFH4045 Datasheet HTML 14Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
August 13, 2010
page 12 of 14
Emitters
Part Number
Photograph
Wavelength
Package /
Package Height
Typ. Radiant Intensity, Ie /
Half-Angle,
ϕ
SFH4050
850 nm
SMARTLED
®
0.65 mm
7 mW/sr (100 mA)
± 80°
SFH4053
850 nm
CHIPLED
0.45 mm
6 mW/sr (70 mA)
± 70°
SFH4058
850 nm
CHIPLED
1.1 mm
15 mW/sr (70 mA)
± 40°
Table 5: Selection guide (part IV): Suitable OSRAM emitter products for in-cell optical sensing
touchscreens with integrated illumination.
*) application specific package height, e.g. relevant concerning bezel height.
Emitters
Part Number
Photograph
Wavelength
Package /
Package Heigth *)
Typ. Radiant Intensity, Ie /
Half-Angle,
ϕ
SFH4650
SFH4655
850 nm
MIDLED
®
(top-/sidelooker)
2.35 mm
50 mW/sr (100 mA)
± 15°
SFH4640
SFH4645
940 nm
MIDLED
®
(top-/sidelooker)
2.35 mm
60 mW/sr (100 mA)
± 15°
SFH4050
850 nm
SMARTLED
®
0.8 mm
7 mW/sr (100 mA)
± 80°
SFH4053
850 nm
CHIPLED
0.45 mm
6 mW/sr (70 mA)
± 70°
SFH4058
850 nm
CHIPLED
1.7 mm
15 mW/sr (70 mA)
± 40°
SFH4450
850 nm
REFLED
1.8 mm
40 mW/sr (70 mA)
± 17°
Table 4: Selection guide (part III): Suitable OSRAM emitter products for camera-based
touchscreen applications with direct illumination.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com