Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z8018010FSC Datasheet(PDF) 49 Page - Zilog, Inc.

Part # Z8018010FSC
Description  Microprocessor Unit
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8018010FSC Datasheet(HTML) 49 Page - Zilog, Inc.

Back Button Z8018010FSC Datasheet HTML 45Page - Zilog, Inc. Z8018010FSC Datasheet HTML 46Page - Zilog, Inc. Z8018010FSC Datasheet HTML 47Page - Zilog, Inc. Z8018010FSC Datasheet HTML 48Page - Zilog, Inc. Z8018010FSC Datasheet HTML 49Page - Zilog, Inc. Z8018010FSC Datasheet HTML 50Page - Zilog, Inc. Z8018010FSC Datasheet HTML 51Page - Zilog, Inc. Z8018010FSC Datasheet HTML 52Page - Zilog, Inc. Z8018010FSC Datasheet HTML 53Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 85 page
background image
Z80180
Microprocessor Unit
43
PS014004-1106
Architecture
ASCI Channel Control Register B
Figure 33. ASCI Channel Control Register B
MPBT: Multiprocessor Bit Transmit (bit 7)—
When multiprocessor communication format
is selected (MP bit = 1), MPBT is used to specify the MPB data bit for transmission. If MPBT
= 1
, then MPB = 1 is transmitted. If MPBT = 0, then MPB = 0 is transmitted. MPBT state is
undefined during and after RESET.
MP: Multiprocessor Mode (bit 6)—
When MP is set to 1, the data format is configured for
multiprocessor mode based on the MOD2 (number of data bits) and MOD0 (number of stop
bits) bits in CNTLA. The format is as follows.
Start bit + 7 or 8 data bits + MPB bit + 1 or 2 stop bits
Multiprocessor (MP=1) format does not feature any provision for parity.
If MP = 0, the data format is based on MOD0, MOD1, MOD2, and may include parity. The MP
bit is cleared to 0 during RESET.
CTS/PS: Clear to Send/Prescale (bit 5)—If bit 5 of the System Configuration Register
is 0, the CTS0/RxS pin features the CTS0 function, and the state of the pin can be read in bit 5
Table 11. Data Formats
MOD2
MOD1
MOD0
Data Format
0
0
0
Start + 7 bit data + 1 stop
0
0
1
Start + 7 bit data + 2 stop
0
1
0
Start + 7 bit data + parity + 1 stop
0
1
1
Start + 7 bit data + parity + 2 stop
1
0
0
Start + 8 bit data + 1 stop
1
0
1
Start + 8 bit data + 2 stop
1
1
0
Start + 8 bit data + parity + 1 stop
1
1
1
Start + 8 bit data + parity + 2 stop
ASCI Channel Control Register B
Bit
MPBT
MP
R/W
R/W
R/W
CTS/
76
5
4
3
21
0
PEO
DR
SS2
SS1
SS0
R/W
R/W
ASCI Control Register B 1 (CNTLB1: I/O Address = 03h)
R/W
R/W
R/W
ASCI Control Register B 0 (CNTLB0: I/O Address = 02h)
PS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com