Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE4335 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4335
Description  SSMB Plug Right Angle Connector Crimp/ Solder Attachment For RG178, RG196
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4335 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4335 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4335 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
SSMB Plug Right Angle Connector Crimp/Solder Attachment For RG178, RG196
Configuration
Connector
SSMB Plug
Connector Interface Type
RG178,RG196
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Right Angle
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
0.538 [13.67]
Width/Dia., in [mm]
0.184 [4.67]
Height, in [mm]
0.48 [12.19]
.
Weight, lbs [g]
0.004 [1.81]
Connector
Type
SSMB Plug
Contact Material and Plating
Gold
Body Material and Plating
Brass, Gold
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
Plotted and Other Data
Notes:
Values at 25 °C, sea level
SSMB Plug Right Angle Connector Crimp/Solder Attachment For RG178, RG196 from Pasternack Enterprises has same day
shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability and
are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SSMB Plug Right Angle Connector Crimp/Solder Attachment For RG178, RG196 PE4335
URL: http://www.pasternack.com/ssmb-plug-standard-rg178-rg196-connector-pe4335-p.aspx
PE4335
PE4335 REV 01
SSMB Plug Right Angle Connector Crimp/
Solder Attachment For RG178, RG196


Similar Part No. - PE4335

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4330 PASTERNACK-PE4330 Datasheet
317Kb / 2P
N Male Connector Crimp/Solder Attachment For RG59,RG62
PE4330 PASTERNACK-PE4330 Datasheet
408Kb / 3P
N Female Connector Clamp/Solder Attachment
PE4330 PASTERNACK-PE4330_17 Datasheet
408Kb / 3P
N Female Connector Clamp/Solder Attachment
PE4331 PASTERNACK-PE4331 Datasheet
312Kb / 2P
N Male Connector Clamp/Solder Attachment For RG59, RG62
PE4331 PASTERNACK-PE4331 Datasheet
403Kb / 4P
N Male Connector Clamp/Solder Attachment
More results

Similar Description - PE4335

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4074 PASTERNACK-PE4074 Datasheet
304Kb / 2P
SMC Plug Connector Crimp/Solder Attachment For RG178, RG196
PE4554 PASTERNACK-PE4554 Datasheet
286Kb / 3P
MCX Plug Right Angle Connector Crimp/ Solder Attachment For RG178, RG196
PE4899 PASTERNACK-PE4899 Datasheet
306Kb / 3P
MMCX Plug Right Angle Connector Crimp/ Solder Attachment For RG178, RG196
PE4159 PASTERNACK-PE4159 Datasheet
282Kb / 2P
SMB Plug Right Angle Connector Crimp/ Solder Attachment For RG178, RG196
PE4160 PASTERNACK-PE4160 Datasheet
282Kb / 2P
SMC Plug Right Angle Connector Crimp/ Solder Attachment For RG178, RG196
PE44372 PASTERNACK-PE44372 Datasheet
595Kb / 3P
RP MCX Plug Right Angle Connector Crimp Solder Attachment For RG178, RG196
PE44311 PASTERNACK-PE44311 Datasheet
269Kb / 2P
MC-Card Plug Right Angle Connector Crimp - Solder Attachment For RG178, RG196
PE4019 PASTERNACK-PE4019 Datasheet
221Kb / 3P
SSMB Plug Connector Crimp - Solder Attachment For RG178, RG196
PE45195 PASTERNACK-PE45195 Datasheet
338Kb / 3P
SSMB Plug Right Angle Connector Crimp - Solder Attachment for RG178, RG196
PE45381 PASTERNACK-PE45381 Datasheet
379Kb / 5P
SSMC Plug Right Angle Connector Crimp Solder Attachment for RG178, RG196
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com