Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE36166LF Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE36166LF
Description  CABLE ASSEMBLY, RG405/U, SMP FEMALE TO SMA MALE (LEAD FREE)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE36166LF Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE36166LF Datasheet HTML 1Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - PE36166LF

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE36166LF-24 PASTERNACK-PE36166LF-24 Datasheet
343Kb / 1P
SMA Male to SMP Female Cable 24 Inch Length Using RG405 Coax, RoHS
PE36166LF-48 PASTERNACK-PE36166LF-48 Datasheet
343Kb / 1P
SMA Male to SMP Female Cable 48 Inch Length Using RG405 Coax, RoHS
PE36166LF-72 PASTERNACK-PE36166LF-72 Datasheet
339Kb / 1P
SMA Male to SMP Female Cable 72 Inch Length Using RG405 Coax, RoHS
More results

Similar Description - PE36166LF

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3109LF PASTERNACK-PE3109LF Datasheet
149Kb / 1P
CABLE ASSEMBLY RG405/U SMA FEMALE TO SMA FEMALE(LEAD FREE)
PE35666LF PASTERNACK-PE35666LF Datasheet
228Kb / 1P
CABLE ASSEMBLY RG405/U 2.4mm MALE TO SMA MALE(LEAD FREE)
PE3822LF PASTERNACK-PE3822LF Datasheet
280Kb / 1P
CABLE ASSEMBLY, RG405/U, SMA MALE TO SMA MALE RIGHT ANGLE (LEAD FREE)
PE3828LF PASTERNACK-PE3828LF Datasheet
274Kb / 1P
CABLE ASSEMBLY, RG405/U, SMA MALE TO N MALE (LEAD FREE)
PE36158LF PASTERNACK-PE36158LF Datasheet
279Kb / 1P
CABLE ASSEMBLY, RG405/U, SMP FEMALE TO SMP FEMALE RIGHT ANGLE (LEAD FREE)
PE3925LF PASTERNACK-PE3925LF Datasheet
300Kb / 1P
CABLE ASSEMBLY RG405/U SMA MALE RIGHT ANGLE TO SMA FEMALE BULKHEA(LEAD FREE)
PE36166 PASTERNACK-PE36166 Datasheet
265Kb / 1P
CABLE ASSEMBLY, RG405/U, SMP FEMALE TO SMA MALE
PE36150 PASTERNACK-PE36150 Datasheet
106Kb / 1P
CABLE ASSEMBLY, RG405/U SMP FEMALE TO SMP FEMALE
PE36150LF PASTERNACK-PE36150LF Datasheet
274Kb / 1P
CABLE ASSEMBLY, RG405/U SMP FEMALE TO SMP FEMALE (LEAD FREE)
PE36539LF PASTERNACK-PE36539LF Datasheet
279Kb / 1P
CABLE ASSEMBLY, RG405/U, 1.85mm MALE TO SMA MALE (LEAD FREE)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com