Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APSF2R5ESS331MF08S Datasheet(PDF) 1 Page - Nippon Precision Circuits Inc

Part # APSF2R5ESS331MF08S
Description  CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

APSF2R5ESS331MF08S Datasheet(HTML) 1 Page - Nippon Precision Circuits Inc

  APSF2R5ESS331MF08S Datasheet HTML 1Page - Nippon Precision Circuits Inc APSF2R5ESS331MF08S Datasheet HTML 2Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
Radial Lead
CAT. No. E1001K
Coated Case
L'
15min.
4min.
Coated Case
L'
15min.
4min.
(F05, F08, H08)
F05, F08, H08
FA5, HB5, JB5
(FA5)
(HB5, JB5)
@Super low ESR, high ripple current capability
@ESR 5mO max. (2 & 2.5Vdc)
@Longer life (5,000 hours at 105C)
@ESR after endurance is specified within the initial spec (2 & 2.5Vdc)
@Rated voltage range : 2 to 16Vdc
@RoHS Compliant
@Halogen Free
?SPECIFICATIONS
(at 20C, 120Hz)
(at 105C)
(at 20C after 2 minutes)
(at 20C, 120Hz)
(at 100kHz)
Category
Temperature Range
Rated Voltage Range
Capacitance Tolerance
Surge Voltage
Leakage Current
*Note
Dissipation Factor
(tane)
Low Temperature
Characteristics
(Max.Impedance Ratio)
Endurance
Bias Humidity Test
Surge Voltage Test
Failure Rate
Items
-55 to +105C
2 to 16Vdc
P20% (M)
Rated voltage(V)B1.15
I=0.2CV or 500MA, whichever is greater
Where, I : Max. leakage current (MA), C : Nominal capacitance (MF), V : Rated voltage (V)
0.10 max.
Z(-25C)/Z(+20C)[1.15
Z(-55C)/Z(+20C)[1.25
The following specifications shall be satisfied when the capacitors are restored to 20C after the rated voltage is applied for 5,000 hours
at 105C.
Appearance
No significant damage
Capacitance change
[P20% of the initial value
D.F. (tanE)
[The initial specified value
ESR
2 & 2.5Vdc : [The initial specified value
16Vdc
: [150% of the initial specified value
Leakage current
[The initial specified value
The following specifications shall be satisfied when the capacitors are restored to 20C after subjecting them to DC voltage at 60C,
90 to 95% RH for 1,000 hours.
Appearance
No significant damage
Capacitance change
[P20% of the initial value
D.F. (tanE)
[The initial specified value
ESR
2 & 2.5Vdc : [The initial specified value
16Vdc
: [150% of the initial specified value
Leakage current
[The initial specified value
The capacitors shall be subjected to 1,000 cycles each consisting of charge with the surge voltage specified at 105C for 30 seconds
through a protective resistor(R=1kO) and discharge for 5 minutes 30 seconds.
Appearance
No significant damage
Capacitance change
[P20% of the initial value
D.F. (tanE)
[The initial specified value
ESR
2 & 2.5Vdc : [The initial specified value
16Vdc
: [150% of the initial specified value
Leakage current
[The initial specified value
0.5% per 1,000 hours maximum (Confidence level 60% at 105C)
Characteristics
?DIMENSIONS [mm]
?MARKING
*Note : If any doubt arises, measure the leakage current after the following voltage treatment.
Voltage treatment : DC rated voltage is applied to the capacitors for 120 minutes at 105C.
Size code
fD
fd
F
fD'
L'
F05
0.45
F08
6.3
0.6
2.5
FA5
0.5
L+0.3max.
H08
L+1.0max.
HB5
0.6
JB5
10.0
5.0
8.0
3.5
L+1.5max.
L+1.0max.
FD+0.5max.
F 6D6
560
2.5V
EX) 2.5V560MF
@Terminal Code : E
Lower ESR
PSF
PSE
Upgrade!
(1/2)


Similar Part No. - APSF2R5ESS331MF08S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
APSF2R5E122MF08S ETC2-APSF2R5E122MF08S Datasheet
100Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
APSF2R5E162MH08S ETC2-APSF2R5E162MH08S Datasheet
100Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
APSF2R5E331MF08S ETC2-APSF2R5E331MF08S Datasheet
100Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
APSF2R5E471MF08S ETC2-APSF2R5E471MF08S Datasheet
100Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
APSF2R5E561MF08S ETC2-APSF2R5E561MF08S Datasheet
100Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
More results

Similar Description - APSF2R5ESS331MF08S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
APSA6R3ELL681MJB5S ETC2-APSA6R3ELL681MJB5S Datasheet
43Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
logo
United Chemi-Con, Inc.
APSA100ELL470 CHEMI-CON-APSA100ELL470 Datasheet
37Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
APSC160ELL331 CHEMI-CON-APSC160ELL331 Datasheet
303Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
APSK2R5ELL561 CHEMI-CON-APSK2R5ELL561 Datasheet
294Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
logo
Panasonic Semiconductor
63SXV33M PANASONIC-63SXV33M Datasheet
48Kb / 1P
Conductive Polymer Aluminum Solid Capacitors ?
2R5SVT560M PANASONIC-2R5SVT560M Datasheet
542Kb / 7P
Conductive Polymer Aluminum Solid Capacitors
4SEQP150M PANASONIC-4SEQP150M Datasheet
527Kb / 9P
Conductive Polymer Aluminum Solid Capacitors
4SVQP150M PANASONIC-4SVQP150M Datasheet
436Kb / 7P
Conductive Polymer Aluminum Solid Capacitors
25SEK82M PANASONIC-25SEK82M Datasheet
500Kb / 9P
Conductive Polymer Aluminum Solid Capacitors
SVPE PANASONIC-SVPE_V01 Datasheet
1Mb / 7P
Conductive Polymer Aluminum Solid Capacitors
01-Apr-22
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com