Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

151RLH Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 151RLH
Description  Aluminum Capacitors Radial Long-Life, High Voltage
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

151RLH Datasheet(HTML) 4 Page - Vishay Siliconix

  151RLH Datasheet HTML 1Page - Vishay Siliconix 151RLH Datasheet HTML 2Page - Vishay Siliconix 151RLH Datasheet HTML 3Page - Vishay Siliconix 151RLH Datasheet HTML 4Page - Vishay Siliconix 151RLH Datasheet HTML 5Page - Vishay Siliconix 151RLH Datasheet HTML 6Page - Vishay Siliconix 151RLH Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Not for New Design
151 RLH
www.vishay.com
Vishay BCcomponents
Revision: 31-Jul-12
4
Document Number: 28319
For technical questions, contact: aluminumcaps1@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
400
2.2
10 x 12
40
93
0.15
33.0
56228E3
66228E3
36228E3
3.3
10 x 16
50
110
0.15
22.0
56338E3
66338E3
36338E3
4.7
10 x 20
70
126
0.15
16.0
56478E3
66478E3
36478E3
10
12.5 x 20
120
190
0.15
7.6
56109E3
66109E3
36109E3
22
16 x 25
200
334
0.15
3.8
56229E3
66229E3
36229E3
22
18 x 20
200
334
0.15
3.8
96225E3
96226E3
-
33
16 x 31
245
466
0.15
2.6
56339E3
66339E3
36339E3
33
18 x 25
245
466
0.15
2.6
96335E3
96336E3
-
47
18 x 31
300
634
0.15
2.0
56479E3
66479E3
-
450
2.2
10 x 16
45
99
0.2
43.0
57228E3
67228E3
37228E3
3.3
10 x 20
65
115
0.2
29.0
57338E3
67338E3
37338E3
4.7
12.5 x 20
80
133
0.2
20.0
57478E3
67478E3
37478E3
10
16 x 20
140
205
0.2
10.0
57109E3
67109E3
37109E3
22
16 x 31
220
367
0.2
4.6
57229E3
67229E3
37229E3
22
18 x 25
220
367
0.2
4.6
97225E3
97226E3
-
33
18 x 35
280
516
0.2
3.4
57339E3
67339E3
-
ADDITIONAL ELECTRICAL DATA
PARAMETER
CONDITIONS
VALUE
Voltage
Surge voltage
IEC 60384-4, subclause 4.14:
UR = 160 V to 250 V
Us  1.15 x UR
UR = 350 V to 400 V
Us  1.10 x UR
Reverse voltage
IEC 60384-4, subclause 4.15
Urev  1V
Current
Leakage current
After 1 min at UR:
CV
 1000 μC
IL1  0.06 CR x UR +40μA
CV > 1000 μC
IL1  0.03 CR x UR +70μA
After 5 min at UR:
CV
 1000 μC
IL5  0.03 CR x UR +15μA
CV > 1000 μC
IL5  0.015 CR x UR +30μA
Inductance
Equivalent series inductance (ESL)
Case Ø D = 10 mm
Typ. 16 nH
Case Ø D
 12.5 mm
Typ. 18 nH
Resistance
Equivalent series resistance (ESR)
Calculated from tan
max. and CR (see Table 2)
ESR = tan
/2f C
R
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
CR
100 Hz
(μF)
NOMINAL
CASE SIZE
Ø D x L
(mm)
IR
100 Hz
105 °C
(mA)
IL1
1min
(μA)
tan
100 Hz
Z
10 kHz
(
)
ORDERING CODE
MAL2151.......
BULK PACKAGING
TAPED
FORM CA
FORM CB
FORM TFA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com