Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

031AS Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 031AS
Description  Aluminum Capacitors Axial Standard
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

031AS Datasheet(HTML) 1 Page - Vishay Siliconix

  031AS Datasheet HTML 1Page - Vishay Siliconix 031AS Datasheet HTML 2Page - Vishay Siliconix 031AS Datasheet HTML 3Page - Vishay Siliconix 031AS Datasheet HTML 4Page - Vishay Siliconix 031AS Datasheet HTML 5Page - Vishay Siliconix 031AS Datasheet HTML 6Page - Vishay Siliconix 031AS Datasheet HTML 7Page - Vishay Siliconix 031AS Datasheet HTML 8Page - Vishay Siliconix 031AS Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
030/031 AS
www.vishay.com
Vishay BCcomponents
Revision: 13-Apr-12
1
Document Number: 28327
For technical questions, contact: aluminumcaps1@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Aluminum Capacitors
Axial Standard
Fig. 1
FEATURES
• Polarized aluminum electrolytic capacitors,
non-solid electrolyte
• Axial
leads,
cylindrical
aluminum
case,
insulated with a blue sleeve
• Taped version available for automatic insertion
• Charge and discharge proof
• Useful life: 3000 h at 85 °C
• Standard dimensions
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• General
purpose
and
industrial,
automotive,
telecommunication, audio-video
• Coupling,
decoupling,
timing,
smoothing,
filtering,
buffering in SMPS
• Boards with restricted mounting height, vibration and
shock resistant
MARKING
The capacitors are marked (where possible) with the
following information:
• Rated capacitance (in μF)
• Tolerance on rated capacitance, code letter in accordance
with IEC 60062 (T for - 10 % to + 50 %)
• Rated voltage (in V)
• Date code in accordance with IEC 60062
• Code factory of origin
• Name of manufacturer
• Negative terminal identification
• Series number (030 or 031)
QUICK REFERENCE DATA
DESCRIPTION
VALUE
Nominal case sizes (Ø D x L in mm)
4.5 x 10 to 10 x 25
Rated capacitance range, CR
0.47 μF to 1000 μF
Tolerance on CR
- 10 % to + 50 %
Rated voltage, UR
6.3 V to 100 V
Category temperature range
- 40 °C to + 85 °C
Endurance test at 85 °C
2000 h
Useful life at 85 °C
3000 h
Useful life at 40 °C, 1.4 x IR applied
80 000 h
Shelf life at 0 V, 85 °C
500 h
Based on sectional specification
IEC 60384-4/EN130300
Climatic category IEC 60068
40/085/56
030/031 AS
041/043 ASH
021 ASM
high
voltage
smaller
dimensions


Similar Part No. - 031AS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
031AS VISHAY-031AS Datasheet
111Kb / 9P
Aluminum Capacitors Axial Standard
15-Oct-08
031AS VISHAY-031AS Datasheet
181Kb / 9P
Aluminum Capacitors Axial Standard
24-Apr-12
031AS VISHAY-031AS Datasheet
185Kb / 9P
Aluminum Electrolytic Capacitors Axial Standard
16-Sep-16
More results

Similar Description - 031AS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
021ASM VISHAY-021ASM Datasheet
117Kb / 8P
Aluminum Capacitors Axial Standard Miniature
24-Oct-12
041-043ASH VISHAY-041-043ASH Datasheet
119Kb / 9P
Aluminum Capacitors Axial Standard, High Voltage
05-May-08
030AS VISHAY-030AS Datasheet
111Kb / 9P
Aluminum Capacitors Axial Standard
15-Oct-08
logo
Illinois Capacitor, Inc...
474TTA100M ILLINOISCAPACITOR-474TTA100M Datasheet
104Kb / 4P
85째C Standard Axial Lead Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
021ASM VISHAY-021ASM_12 Datasheet
204Kb / 8P
Aluminum Capacitors Axial Standard Miniature
24-Oct-12
222202115222 VISHAY-222202115222 Datasheet
204Kb / 8P
Aluminum Capacitors Axial Standard Miniature
24-Oct-12
MAL203036109E3 VISHAY-MAL203036109E3 Datasheet
181Kb / 9P
Aluminum Capacitors Axial Standard
24-Apr-12
021ASM VISHAY-021ASM_16 Datasheet
216Kb / 9P
Aluminum Electrolytic Capacitors Axial Standard Miniature
16-Sep-16
030031AS VISHAY-030031AS_V01 Datasheet
185Kb / 9P
Aluminum Electrolytic Capacitors Axial Standard
16-Sep-16
041ASH VISHAY-041ASH_V01 Datasheet
222Kb / 9P
Aluminum Electrolytic Capacitors Axial Standard, High Voltage
19-Sep-16
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com