Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECL Datasheet(PDF) 1 Page - Vishay Siliconix

Part # ECL
Description  Aluminum Capacitors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ECL Datasheet(HTML) 1 Page - Vishay Siliconix

  ECL Datasheet HTML 1Page - Vishay Siliconix ECL Datasheet HTML 2Page - Vishay Siliconix ECL Datasheet HTML 3Page - Vishay Siliconix ECL Datasheet HTML 4Page - Vishay Siliconix ECL Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
ECL
www.vishay.com
Vishay Roederstein
Revision: 18-Oct-12
1
Document Number: 25020
For technical questions, contact: aluminumcaps1@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Aluminum Capacitors
FEATURES
• Load life: 2000 h at 105 °C
• Extra low impedance, high ripple current
• Polarized SMD aluminum electrolytic capacitors,
non solid electrolyte
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• SMD technology, for high mounting density
• Industrial and professional applications
• General industrial, consumer
• Smoothing, filtering, buffering
PACKAGING
Supplied in blister tape.
QUICK REFERENCE DATA
DESCRIPTION
VALUE
Nominal case size
(Ø D x L in mm )
6 x 5.8 to 12.5 x 13.5
Rated capacitance range CR
10 μF to 1500 μF
Capacitance tolerance
± 20 %
Rated voltage range
6.3 V to 50 V
Category temperature range
- 40 °C to 105 °C
Load life
2000 h
Based on sectional
specification
IEC 60384-4/EN 130300
Climatic category
IEC 60068
40/105/56
SELECTION CHART FOR CR, UR, AND RELEVANT NOMINAL CASE SIZES (Ø D x L in mm)
CR
(μF)
RATED VOLTAGE (V)
6.3
1016
25
3550
10


6.3 x 5.8
22


6.3 x 5.8
33


6.3 x 5.8
8 x 6.2
47


6.3 x 5.8
8 x 6.2
68

6.3 x 5.8
8 x 6.2
8 x 10
100

6.3 x 5.8
8 x 6.2
8 x 10
10 x 10
220
6.3 x 5.8
6.3 x 7.7
8 x 6.2
8 x 10
10 x 10
-
330
8 x 6.2
8 x 10
-
-
-
470
8 x 10
10 x 10
-
-
-
680
10 x 10
--
--
1000
10 x 10
-
-
-
-
-
1500
10 x 10
-
-
-
-
-


Similar Part No. - ECL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ECL VISHAY-ECL Datasheet
86Kb / 5P
Aluminum Capacitors
17-Jul-08
logo
XP Power Limited
ECL XPPOWER-ECL Datasheet
905Kb / 6P
5-30 Watts
26 August 2021
logo
List of Unclassifed Man...
ECL-111-619 ETC2-ECL-111-619 Datasheet
2Mb / 1P
TLS 2200 Voice & Data Comm Materials
logo
Ecliptek Corporation
ECL-20-30.000M-GA ECLIPTEK-ECL-20-30.000M-GA Datasheet
109Kb / 3P
CRYSTAL
ECL-20-30.000M-GTR ECLIPTEK-ECL-20-30.000M-GTR Datasheet
109Kb / 3P
CRYSTAL
More results

Similar Description - ECL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
630D VISHAY-630D Datasheet
87Kb / 1P
Aluminum Capacitors Electrolytics
17-Feb-03
ECA VISHAY-ECA Datasheet
90Kb / 6P
Aluminum Capacitors
05-Jun-08
ECB VISHAY-ECB Datasheet
86Kb / 5P
Aluminum Capacitors
05-Jun-08
ECL VISHAY-ECL Datasheet
86Kb / 5P
Aluminum Capacitors
17-Jul-08
ECV VISHAY-ECV Datasheet
87Kb / 5P
Aluminum Capacitors
13-Nov-08
156PUM-SI VISHAY-156PUM-SI Datasheet
127Kb / 7P
Aluminum Capacitors Aluminum Capacitors
18-Aug-08
ECA VISHAY-ECA_12 Datasheet
92Kb / 6P
Aluminum Capacitors
18-Oct-12
ECV VISHAY-ECV_12 Datasheet
90Kb / 5P
Aluminum Capacitors
18-Oct-12
logo
Nichicon corporation
UCD1E471MNL1GS NICHICON-UCD1E471MNL1GS Datasheet
59Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
logo
Vishay Siliconix
515D476M050AA6AE3 VISHAY-515D476M050AA6AE3 Datasheet
102Kb / 9P
Aluminum Capacitors
12-Jun-13
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com