Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EKB Datasheet(PDF) 3 Page - Vishay Siliconix

Part # EKB
Description  Aluminum Capacitors Radial Style
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

EKB Datasheet(HTML) 3 Page - Vishay Siliconix

  EKB_12 Datasheet HTML 1Page - Vishay Siliconix EKB_12 Datasheet HTML 2Page - Vishay Siliconix EKB_12 Datasheet HTML 3Page - Vishay Siliconix EKB_12 Datasheet HTML 4Page - Vishay Siliconix EKB_12 Datasheet HTML 5Page - Vishay Siliconix EKB_12 Datasheet HTML 6Page - Vishay Siliconix EKB_12 Datasheet HTML 7Page - Vishay Siliconix EKB_12 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
EKB
www.vishay.com
Vishay Roederstein
Revision: 14-Mar-12
3
Document Number: 25013
For technical questions, contact: aluminumcaps1@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Unless otherwise specified, all electrical values apply at
Ta = 20 °C, P = 80 kPa to 120 kPa, RH = 45 % to 75 %
ORDERING EXAMPLE
EKB 3300 μF/25 V, ± 20 %, size: 16 mm x 25 mm
Leads: Long
Ordering code: MALREKB00JG433E00K
Leads: Short
Ordering code: MALREKB05...
ELECTRICAL DATA
SYMBOL
DESCRIPTION
UR
Rated voltage
CR
Rated capacitance at 120 Hz
tan
Max. dissipation factor at 120 Hz
RESR
Calculated equivalent series resistance at 120 Hz
IR
Rated ripple current (RMS) at 120 Hz and upper
category temperature
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
CR
120 Hz
(μF)
DIMENSIONS
Dx L
(mm)
tan
120 Hz
RESR
120 Hz
(
)
IR
120 Hz/105 °C
(mA)
WEIGHT
(g)
CATALOG
NUMBER
(Long Leads)
6.3
680
8 x 11.5
0.28
0.55
348
1.10
MALREKB00PB368B00K
1000
8 x 11.5
0.28
0.37
422
1.10
MALREKB00PB410B00K
3300
12.5 x 16
0.34
0.14
983
3.00
MALREKB00FD433B00K
4700
12.5 x 20
0.36
0.10
1219
4.00
MALREKB00FE447B00K
6800
12.5 x 25
0.40
0.08
1480
5.00
MALREKB00FG468B00K
10 000
16 x 25
0.46
0.06
1807
8.50
MALREKB00JG510B00K
15 000
16 x 35.5
0.56
0.05
2233
11.0
MALREKB00JL515B00K
22 000
18 x 40
0.70
0.04
2652
14.6
MALREKB00KK522B00K
10
150
5 x 11
0.24
2.12
134
0.45
MALREKB00AA315C00K
220
5 x 11
0.24
1.45
162
0.45
MALREKB00AA322C00K
330
6.3 x 11
0.24
0.96
228
0.46
MALREKB00BA333C00K
470
6.3 x 11
0.24
0.68
272
0.46
MALREKB00BA347C00K
1000
10 x 12.5
0.24
0.32
544
2.05
MALREKB00DC410C00K
1500
10 x 16
0.26
0.23
680
2.20
MALREKB00DD415C00K
2200
10 x 20
0.28
0.17
844
3.10
MALREKB00DE422C00K
3300
12.5 x 20
0.30
0.12
1148
4.00
MALREKB00FE433C00K
4700
12.5 x 25
0.32
0.09
1421
5.00
MALREKB00FG447C00K
6800
16 x 25
0.36
0.07
1737
8.50
MALREKB00JG468C00K
10 000
16 x 35.5
0.42
0.06
2172
11.0
MALREKB00JL510C00K
15 000
18 x 35.5
0.52
0.05
2482
14.0
MALREKB00KL515C00K
16
100
5 x 11
0.20
2.65
119
0.45
MALREKB00AA310D00K
220
6.3 x 11
0.20
1.21
203
0.46
MALREKB00BA322D00K
470
8 x 11.5
0.20
0.56
349
1.10
MALREKB00PB347D00K
680
10 x 12.5
0.20
0.39
488
2.05
MALREKB00DC368D00K
1000
10 x 16
0.20
0.27
648
2.20
MALREKB00DD410D00K
1500
12.5 x 16
0.22
0.19
862
3.00
MALREKB00FD415D00K
2200
12.5 x 20
0.24
0.14
1055
4.00
MALREKB00FE422D00K
3300
12.5 x 25
0.26
0.10
1323
5.00
MALREKB00FG433D00K
4700
16 x 25
0.28
0.08
1657
8.50
MALREKB00JG447D00K
6800
16 x 31.5
0.32
0.06
1982
10.0
MALREKB00JS468D00K
10 000
18 x 35.5
0.38
0.05
2409
14.0
MALREKB00KL510D00K



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com