Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D4S Datasheet(PDF) 2 Page - First Components International

Part # D4S
Description  0.8 Amp Glass Passivated Single Phase Silicon Bridge
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

D4S Datasheet(HTML) 2 Page - First Components International

  D4S Datasheet HTML 1Page - First Components International D4S Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Data Sheet
Ratings at
25 Deg. C ambient
temperature
unless otherwise
specified.
Single Phase Half
Wave, 60 HZ
Resistive or
Inductive Load.
For Capacitive
Load, Derate
Current by 20%.
Notes:
1. Measured at 1.0MHz and applied reverse voltage of 4.0 volts.
2. Thermal resistance from junction to ambient and junction to lead mounted on PCB with 0.5” x 0.5” copper pads.
Fig. 1 Max. Non-Repetitive Surge Current
Fig. 2 Derating Curve for Output Rectified Current
Fig. 3 Typical Forward Characteristics
Fig. 4 Typical Reverse Characteristics
0.8
1.0
1.2
1.6
1.4
0.8 Amp G la s s P a s s iva ted
S ingle P ha s e S ilic on B ridge



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com