Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FG607 Datasheet(PDF) 1 Page - First Components International

Part # FG607
Description  6.0 Amp MINIATURE PLASTIC SILICON RECTIFIERS LOW COST LOW LEAKAGE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

FG607 Datasheet(HTML) 1 Page - First Components International

  FG607 Datasheet HTML 1Page - First Components International FG607 Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Description
Features
Mechanical Dimensions
DIFFUSED JUNCTION SURFACE METAL PLATED DOUBLE NICKEL
MEETS UL SPECIFICATION 94V-0
Maximum Ratings
FG601 . . . 07 Series
Data Sheet
6.0 Amp MINIATURE
PLASTIC SILICON RECTIFIERS
Units
Volts
Volts
Volts
.............................................
6.0 ...............................................
.............................................
400 ...............................................
........................................
-65 to 175 .........................................
.............................................
1. 0 ...............................................
.............................................
10 ...............................................
.............................................
100 ...............................................
.............................................
50 ...............................................
.............................................
100 ...............................................
.............................................
10 ...............................................
Amps
Amps
°C
Volts
µAmps
µAmps
µAmps
pF
°C / W
FG601
FG602 FG603 FG604
FG605 FG606
FG607
50
100
200
400
600
800
1000
35
70
140
280
420
560
700
50
100
200
400
600
800
1000
Peak Repetitive Reverse Voltage...V
RRM
RMS Reverse Voltage...V
R(rms)
DC Blocking Voltage...V
DC
LOW COST LOW LEAKAGE
Page 9-16
Average Forward Rectified Current...I
F(av)
T
A = 60°C (Note 3)
Non-Repetitive Peak Forward Surge Current...I
FSM
@ Rated Current & Temp
Operating & Storage Temperature Range...T
J, T STRG
Maximum Forward Voltage @ 6.0A...V
F
Maximum DC Reverse Current...I
R
@ 25
°C
@ Rated DC Blocking Voltage
@ 100
°C
Maximum Full Load Reverse Current...I
R
Typical Junction Capacitance...C
J (Note 1)
Typical Thermal Resistance...R
θJA (Note 2)
.340
.360
1.00 Min.
.050 typ.
.340
.360
JEDEC
R6
Electrical Characteristics
ELECTRICAL CHARACTERISTIC EQUIVALENTGI75X SERIES
Device Weight---2.04g
Die---0.009g---0.45%
Epoxy----0.90g---44.15%
Wire Lead----1.132g---55.4%
Mechanical Data
n
n
n
n
n
n
n
n


Similar Part No. - FG607

ManufacturerPart #DatasheetDescription
logo
Same Sky Devices
FG60-50 SAMESKY-FG60-50 Datasheet
225Kb / 2P
FAN GUARD
09/12/2024
logo
Mitsubishi Electric Sem...
FG6000AU-120D MITSUBISHI-FG6000AU-120D Datasheet
59Kb / 4P
HIGH POWER INVERTER USE PRESS PACK TYPE
logo
Yea Shin Technology Co....
FG601 YEASHIN-FG601 Datasheet
387Kb / 3P
RECTIFIER SPECIALISTS
FG601F YEASHIN-FG601F Datasheet
413Kb / 3P
RECTIFIER SPECIALISTS
More results

Similar Description - FG607

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
FR6A01 FCI-FR6A01 Datasheet
131Kb / 2P
6.0 Amp MINIATURE PLASTIC SILICON RECTIFIERS
1N4001 FCI-1N4001 Datasheet
56Kb / 1P
1.0 Amp MINIATURE PLASTIC SILICON RECTIFIERS
1N5391 FCI-1N5391 Datasheet
144Kb / 2P
1.5 Amp MINIATURE PLASTIC SILICON RECTIFIERS
1N5400 FCI-1N5400 Datasheet
149Kb / 2P
3.0 Amp MINIATURE PLASTIC SILICON RECTIFIERS
RL251 FCI-RL251 Datasheet
148Kb / 2P
2.5 Amp MINIATURE PLASTIC SILICON RECTIFIERS
F1A1 FCI-F1A1_1 Datasheet
126Kb / 2P
1.0 Amp MINIATURE PLASTIC SILICON RECTIFIERS
KBU600 FCI-KBU600_1 Datasheet
75Kb / 1P
6.0 Amp SINGLE PHASE SILICON BRIDGE LOW LEAKAGE CURRENT
RL201 FCI-RL201 Datasheet
139Kb / 2P
2.0 Amp MINIATURE PLASTIC SILICON RECTIFIERS LOW COST
SF31 FCI-SF31_1 Datasheet
647Kb / 2P
3.0 Amp SUPER FAST PLASTIC RECTIFIERS LOW COST
logo
DIYI Electronic Technol...
6A05 DYELEC-6A05 Datasheet
486Kb / 2P
6.0 AMP. Silicon Rectifiers Plastic
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com