Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FGF2004 Datasheet(PDF) 1 Page - First Components International

Part # FGF2004
Description  20 AMP ISOLATED POWER PACK GPP STANDARD RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

FGF2004 Datasheet(HTML) 1 Page - First Components International

  FGF2004 Datasheet HTML 1Page - First Components International FGF2004 Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DESCRIPTION
MECHANICAL DIMENSION
ITO-220AC
FEATURES
MECHANICAL DATA
High surge Current Capability
Case: JEDEC ITO-220AC Molded
High Forward Current Capability
Plastic Body
Low Forward Voltage Drop
Terminals: Plated Leads Solderable
Glass Passivated Chip Junction
per MIL-STD_750, Method 2026
High Temperature Soldering Guaranteed
Plastic package : Flammability
Classification 94V-0
Maximum Ratings And Electrical Characteristics (Ta=25℃)
FGF20
Parameters
Symbol
01
02
03
04
05
06
07
Average forward current, Io at Tc =100℃
60Hz, Resistive or Inductive Load
IF
20A
Peak Repetitive Reverse Voltage
VRRM
50
100
200
400
600
800
1000
Max RMS Voltage
V RMS
35
70
140
280
420
560
700
DC Blacking Voltage
VDC
50
100
200
400
600
800
1000
Forward Voltage @IF= 20A
VF
1.25V
Non-Peak Forward Surge Current, @Rated
Load Conditions 8.3mS 1/2 Sine-Wave
IFMS
200A
Max. Reverse Current IR At Rated DC
Reverse Voltage. Tc =25/100℃
IR
5.0mA
50mA
Typical thermal Resistance,
RθJC
1.5℃/W
Typical Junction Capacitance (Note:1)
Cj
100pF
Operating and Storage Temperature Range
To/Ts
-65 to +150℃/-65 to +175℃
NOTE: 1. MEASURED AT 1 MHZ AND A APPLIED REVERSE VOLTAGE OF 4.0VD.C.


Similar Part No. - FGF2004

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FGF2 ETC-FGF2 Datasheet
2Mb / 52P
Industrial Control and General purpose enclosed Transformers
More results

Similar Description - FGF2004

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
FST20120 MICROSEMI-FST20120 Datasheet
143Kb / 2P
20 AMP SCHOTTKY RECTIFIERS
logo
Rectron Semiconductor
GDSGA0-500E RECTRON-GDSGA0-500E Datasheet
188Kb / 2P
STANDARD GPP CHIP - 100MIL
GNSG50-500E RECTRON-GNSG50-500E Datasheet
91Kb / 2P
STANDARD GPP CHIP - 50MIL
GNSG70-500E RECTRON-GNSG70-500E Datasheet
189Kb / 2P
STANDARD GPP CHIP - 70MIL
logo
First Components Intern...
150UR120 FCI-150UR120 Datasheet
211Kb / 1P
150 Amp GPP PASSIVATED STUD POWER DIODE
FGF4001 FCI-FGF4001 Datasheet
4Mb / 2P
40AMP ISOLATED POWER PACK GPP STANDARD RECTIFERS
UFP30C05 FCI-UFP30C05 Datasheet
175Kb / 2P
30 Amp GPP SUPERFAST POWER RECTIFIERS
logo
FCI connector
150RU120 FCI-CONNECTOR-150RU120 Datasheet
613Kb / 2P
150 Amp GPP PASSIVATED STUD POWER DIODE
logo
First Components Intern...
OG4001 FCI-OG4001 Datasheet
146Kb / 2P
40AMP Power Pack GPP Standard Rectifiers
OGF4007 FCI-OGF4007 Datasheet
192Kb / 2P
40Amp Isolated Pwer Pack GPP Standard Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com