Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24C01CSN Datasheet(PDF) 3 Page - Microchip Technology

Part # 24C01CSN
Description  1K 5.0V I2C??Serial EEPROM
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24C01CSN Datasheet(HTML) 3 Page - Microchip Technology

  24C01CSN Datasheet HTML 1Page - Microchip Technology 24C01CSN Datasheet HTML 2Page - Microchip Technology 24C01CSN Datasheet HTML 3Page - Microchip Technology 24C01CSN Datasheet HTML 4Page - Microchip Technology 24C01CSN Datasheet HTML 5Page - Microchip Technology 24C01CSN Datasheet HTML 6Page - Microchip Technology 24C01CSN Datasheet HTML 7Page - Microchip Technology 24C01CSN Datasheet HTML 8Page - Microchip Technology 24C01CSN Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
 1997-2012 Microchip Technology Inc.
DS21201K-page 3
24C01C
TABLE 1-2:
AC CHARACTERISTICS
AC CHARACTERISTICS
Electrical Characteristics:
Industrial (I):
VCC = +4.5V to 5.5V
TA = -40°C to +85°C
Automotive (E):
VCC = +4.5V to 5.5V
TA = -40°C to +125°C
Param.
No.
Sym.
Characteristic
Min.
Max.
Units
Conditions
1FCLK
Clock frequency
100
400
kHz
(I-temp)
2THIGH
Clock high time
4000
600
ns
(I-temp)
3TLOW
Clock low time
4700
1300
ns
(I-temp)
4TR
SDA and SCL rise time
(Note 1)
1000
300
ns
(I-temp)
5TF
SDA and SCL fall time
(Note 1)
300
ns
6THD:STA Start condition hold time
4000
600
ns
(I-temp)
7TSU:STA Start condition setup time
4700
600
ns
(I-temp)
8THD:DAT Data input hold time
0
ns
(Note 2)
9TSU:DAT Data input setup time
250
100
ns
(I-temp)
10
TSU:STO Stop condition setup time
4000
600
ns
(I-temp)
11
TAA
Output valid from clock
(Note 2)
3500
900
ns
(I-temp)
12
TBUF
Bus free time: Time the bus
must be free before a new
transmission can start
4700
1300
ns
(I-temp)
13
TOF
Output fall time from VIH
minimum to VIL maximum
CB
 100 pF
10 + 0.1CB
250
ns
(Note 1)
14
TSP
Input filter spike suppression
(SDA and SCL pins)
—50
ns
(Note 3)
15
TWC
Write cycle time (byte or
page)
—1.5
1
ms
(I-temp)
16
Endurance
1,000,000
cycles 25°C (Note 4)
Note 1:
Not 100% tested. CB = total capacitance of one bus line in pF.
2:
As a transmitter, the device must provide an internal minimum delay time to bridge the undefined region
(minimum 300 ns) of the falling edge of SCL to avoid unintended generation of Start or Stop conditions.
3:
The combined TSP and VHYS specifications are due to new Schmitt Trigger inputs, which provide improved
noise spike suppression. This eliminates the need for a TI specification for standard operation.
4:
This parameter is not tested but ensured by characterization. For endurance estimates in a specific
application, please consult the Total Endurance™ Model, which can be obtained from Microchip’s web site
at www.microchip.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com