Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EVAL6561-80 Datasheet(PDF) 9 Page - STMicroelectronics

Part # EVAL6561-80
Description  POWER FACTOR CORRECTOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EVAL6561-80 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button EVAL6561-80 Datasheet HTML 5Page - STMicroelectronics EVAL6561-80 Datasheet HTML 6Page - STMicroelectronics EVAL6561-80 Datasheet HTML 7Page - STMicroelectronics EVAL6561-80 Datasheet HTML 8Page - STMicroelectronics EVAL6561-80 Datasheet HTML 9Page - STMicroelectronics EVAL6561-80 Datasheet HTML 10Page - STMicroelectronics EVAL6561-80 Datasheet HTML 11Page - STMicroelectronics EVAL6561-80 Datasheet HTML 12Page - STMicroelectronics EVAL6561-80 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
9/13
L6561
Figure 15. Output Saturation Voltage vs. Sink
Current
Figure 16. Output Saturation Voltage vs.
Source Current
Figure 17. Multiplier Characteristics
Family
0
100
200
300
400 IGD (mA)
0
0.5
1.0
1.5
2.0
VPIN7
(V)
SINK
VCC = 14.5V
D94IN046
0
100
200
300
400 IGD (mA)
0
VCC -2.0
VCC -1.5
VCC -1.0
VCC -0.5
VPIN7
(V)
SOURCE
VCC = 14.5V
D94IN053
VMULT(pin3) (V)
D97IN555A
2.6
3.0
3.2
3.5
5.0
VCOMP(pin2)
(V)
0
0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
VCS(pin4)
(V)
4.0
2.8
upper voltage
clamp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com