Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EVALST7590-1 Datasheet(PDF) 7 Page - STMicroelectronics

Part # EVALST7590-1
Description  Narrow-band OFDM power line networking PRIME compliant system-on-chip
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EVALST7590-1 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button EVALST7590-1 Datasheet HTML 3Page - STMicroelectronics EVALST7590-1 Datasheet HTML 4Page - STMicroelectronics EVALST7590-1 Datasheet HTML 5Page - STMicroelectronics EVALST7590-1 Datasheet HTML 6Page - STMicroelectronics EVALST7590-1 Datasheet HTML 7Page - STMicroelectronics EVALST7590-1 Datasheet HTML 8Page - STMicroelectronics EVALST7590-1 Datasheet HTML 9Page - STMicroelectronics EVALST7590-1 Datasheet HTML 10Page - STMicroelectronics EVALST7590-1 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
ST7590
Pin connection
Doc ID 18349 Rev 1
7/24
XOUT
32
13
Analog
Crystal oscillator output
XIN
31
12
Analog
Crystal oscillator input
N.C
30
-
Not connected
N.C
29
-
Not connected
VDD
28
11
Power
Digital power supply (1.8 V)
N.C
27
-
Not connected
RESETN
26
10
Digital input
System reset (active low)
TDI
25
9
Digital input (1) System/M851EW JTAG interface data in
TDO
24
8
Digital I/O
System/M851EW JTAG interface data out
TCK
23
7
Digital input
System/M851EW JTAG interface clock
GND
22
6
Power
Ground
VDDIO
21
-
Power
3.3 V - 5 V I/O supply
SRAM_A0
20
-
Digital output
External SRAM address
SRAM_A1
19
-
Digital output
External SRAM address
SRAM_A2
18
-
Digital output
External SRAM address
SRAM_A3
17
-
Digital output
External SRAM address
SRAM_A4
16
-
Digital output
External SRAM address
SRAM_A5
15
-
Digital output
External SRAM address
SRAM_A6
14
-
Digital output
External SRAM address
SRAM_A7
13
-
Digital output
External SRAM address
SRAM_A8
12
-
Digital output
External SRAM address
SRAM_A9
11
-
Digital output
External SRAM address
SRAM_A10
10
-
Digital output
External SRAM address
SRAM_A11
9
-
Digital output
External SRAM address
SRAM_A12
8
-
Digital output
External SRAM address
SRAM_A13
7
-
Digital output
External SRAM address
SRAM_A14
6
-
Digital output
External SRAM address
TMS
5
5
Digital input (1) System/M8051EW JTAG interface test mode selection
TRSTN
4
4
Digital input (1) System/M8051EW JTAG interface reset (active low)
VDDIO
3
3
Power
3.3 V - 5 V I/O supply
MISO0_RXD
2
2
Digital I/O
UART data in, SPI0 data out
MOSI0_TXD
1
1
Digital I/O
UART data out, SPI0 data in
1.
Active Pull up (only in input mode for bi-directional pins)
Table 1.
Pin description (continued)
Name
Pin
Type
Description
TQFP QFN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com