Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

20CTQ150 Datasheet(PDF) 8 Page - International Rectifier

Part # 20CTQ150
Description  SCHOTTKY RECTIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

20CTQ150 Datasheet(HTML) 8 Page - International Rectifier

  20CTQ150 Datasheet HTML 1Page - International Rectifier 20CTQ150 Datasheet HTML 2Page - International Rectifier 20CTQ150 Datasheet HTML 3Page - International Rectifier 20CTQ150 Datasheet HTML 4Page - International Rectifier 20CTQ150 Datasheet HTML 5Page - International Rectifier 20CTQ150 Datasheet HTML 6Page - International Rectifier 20CTQ150 Datasheet HTML 7Page - International Rectifier 20CTQ150 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
20CTQ150, 20CTQ150S, 20CTQ150-1
8
Bulletin PD-20648 rev. E 07/06
www.irf.com
IR WORLD HEADQUARTERS:
233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7309
Visit us at www.irf.com for sales contact information. 07/06
Data and specifications subject to change without notice.
This product has been designed for Industrial Level.
Qualification Standards can be found on IR's Web site.
Ordering Information Table
Device Code
1
5
24
3
1
-
Current Rating (20 = 20A)
2
-
C = Common Cathode
3
-
T = TO-220
4
-
Q = Schottky Q Series
5
-
Voltage Rating (150 = 150V)
6
-
none = TO-220AB
-1
= TO-262
S= D2Pak
7
-
none = Tube (50 pieces)
TRL = Tape & Reel (Left Oriented - for D2Pak only)
TRR = Tape & Reel (Right Oriented - for D2Pak only)
8
-
none = Standard Production
PbF = Lead-Free
20
C
T
Q
150
S
TRL
-
6
7
8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com