Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IP4234CZ6 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # IP4234CZ6
Description  Single USB 2.0 ESD protection to IEC 61000-4-2 level 4
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IP4234CZ6 Datasheet(HTML) 2 Page - NXP Semiconductors

  IP4234CZ6 Datasheet HTML 1Page - NXP Semiconductors IP4234CZ6 Datasheet HTML 2Page - NXP Semiconductors IP4234CZ6 Datasheet HTML 3Page - NXP Semiconductors IP4234CZ6 Datasheet HTML 4Page - NXP Semiconductors IP4234CZ6 Datasheet HTML 5Page - NXP Semiconductors IP4234CZ6 Datasheet HTML 6Page - NXP Semiconductors IP4234CZ6 Datasheet HTML 7Page - NXP Semiconductors IP4234CZ6 Datasheet HTML 8Page - NXP Semiconductors IP4234CZ6 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
IP4234CZ6_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 16 April 2009
2 of 9
NXP Semiconductors
IP4234CZ6
Single USB 2.0 ESD protection to IEC 61000-4-2 level 4
2.
Pinning information
3.
Ordering information
4.
Limiting values
5.
Recommended operating conditions
Table 1.
Pinning
Pin
Description
Simplified outline
Graphic symbol
1
ESD protection I/O channel 1
2
ground
3
ESD protection I/O channel 1
4
ESD protection I/O channel 2
5
supply voltage
6
ESD protection I/O channel 2
13
2
4
5
6
3
RR
6
5
2
001aaj950
1
4
Table 2.
Ordering information
Type number
Package
Name
Description
Version
IP4234CZ6
TSOP6
plastic surface-mounted package (TSOP6); 6 leads
SOT457
Table 3.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol Parameter
Conditions
Min
Max
Unit
VI
input voltage
GND
− 0.5 +5.5
V
Vesd
electrostatic
discharge voltage
all pins; IEC 61000-4-2
level 4; contact discharge
−15
+15
kV
PPP
peak pulse power
tp = 8/20 µs; IEC 61000-4-5
15 A lightning
-
100
W
Tstg
storage temperature
−55
+125
°C
Table 4.
Operating conditions
Symbol
Parameter
Conditions
Min
Max
Unit
Tamb
ambient temperature
−40
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com