Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F103X4 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STM32F103X4
Description  Low-density performance line, ARM-based 32-bit MCU with 16 or32 KB Flash, USB
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103X4 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STM32F103X4_13 Datasheet HTML 6Page - STMicroelectronics STM32F103X4_13 Datasheet HTML 7Page - STMicroelectronics STM32F103X4_13 Datasheet HTML 8Page - STMicroelectronics STM32F103X4_13 Datasheet HTML 9Page - STMicroelectronics STM32F103X4_13 Datasheet HTML 10Page - STMicroelectronics STM32F103X4_13 Datasheet HTML 11Page - STMicroelectronics STM32F103X4_13 Datasheet HTML 12Page - STMicroelectronics STM32F103X4_13 Datasheet HTML 13Page - STMicroelectronics STM32F103X4_13 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 90 page
background image
Description
STM32F103x4, STM32F103x6
10/90
Doc ID 15060 Rev 6
2.1
Device overview
Table 2.
STM32F103xx low-density device features and peripheral counts
Peripheral
STM32F103Tx
STM32F103Cx
STM32F103Rx
Flash - Kbytes
16
32
16
32
16
32
SRAM - Kbytes
610
6
106
10
General-purpose
22222
2
Advanced-control
111
SPI
11111
1
I2C
11111
1
USART
22222
2
USB
11111
1
CAN
1
1
1
1
1
1
GPIOs
26
37
51
12-bit synchronized ADC
Number of channels
2
10 channels
2
10 channels
2
16 channels(1)
1.
On the TFBGA64 package only 15 channels are available (one analog input pin has been replaced by
‘Vref+’).
CPU frequency
72 MHz
Operating voltage
2.0 to 3.6 V
Operating temperatures
Ambient temperatures: –40 to +85 °C /–40 to +105 °C (see Table 9)
Junction temperature: –40 to + 125 °C (see Table 9)
Packages
VFQFPN36
LQFP48, UFQFPN48
LQFP64, TFBGA64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com