Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACS710 Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # ACS710
Description  120 kHz Bandwidth, High Voltage Isolation Current Sensor with Integrated Overcurrent Detection
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS710 Datasheet(HTML) 1 Page - Allegro MicroSystems

  ACS710 Datasheet HTML 1Page - Allegro MicroSystems ACS710 Datasheet HTML 2Page - Allegro MicroSystems ACS710 Datasheet HTML 3Page - Allegro MicroSystems ACS710 Datasheet HTML 4Page - Allegro MicroSystems ACS710 Datasheet HTML 5Page - Allegro MicroSystems ACS710 Datasheet HTML 6Page - Allegro MicroSystems ACS710 Datasheet HTML 7Page - Allegro MicroSystems ACS710 Datasheet HTML 8Page - Allegro MicroSystems ACS710 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
ACS710
Approximate Scale 1:1
Description
The Allegro™ ACS710 current sensor provides economical
and precise means for current sensing applications in industrial,
commercial,andcommunicationssystems.Thedeviceisoffered
in a small footprint surface mount package that allows easy
implementation in customer applications.
TheACS710 consists of a precision linear Hall sensor integrated
circuit with a copper conduction path located near the surface
of the silicon die. Applied current flows through the copper
conduction path, and the analog output voltage from the Hall
sensor linearly tracks the magnetic field generated by the
applied current. The accuracy of the ACS710 is maximized
with this patented packaging configuration because the Hall
element is situated in extremely close proximity to the current
to be measured.
High level immunity to current conductor dV/dt and stray
electric fields, offered by Allegro proprietary integrated shield
technology, results in low ripple on the output and low offset
drift in high-side, high voltage applications.
The voltage on the Overcurrent Input (VOC pin) allows
customerstodefineanovercurrentfaultthresholdforthedevice.
When the current flowing through the copper conduction path
(between the IP+ and IP– pins) exceeds this threshold, the open
drain Overcurrent Fault pin will transition to a logic low state.
Factory programming of the linear Hall sensor inside of the
ACS710 results in exceptional accuracy in both analog and
digital output signals.
The internal resistance of the copper path used for current
sensing is typically 1 mΩ, for low power loss.Also, the current
conduction path is electrically isolated from the low voltage
ACS710-DS, Rev. 8
Features and Benefits
▪ Industry-leading noise performance with greatly improved
bandwidth through proprietary amplifier and filter design
techniques
▪ Small footprint package suitable for space-constrained
applications
▪ 1 mΩ primary conductor resistance for low power loss
▪ High isolation voltage, suitable for line-powered
applications
▪ User-adjustable Overcurrent Fault level
▪ Overcurrent Fault signal typically responds to an
overcurrent condition in < 2 μs
▪ Integrated shield virtually eliminates capacitive coupling
from current conductor to die due to high dV/dt voltage
transients
▪ Filter pin capacitor improves resolution in low bandwidth
applications
▪ 3 to 5.5 V, single supply operation
▪ Factory trimmed sensitivity and quiescent output voltage
▪ Chopper stabilization results in extremely stable quiescent
output voltage
▪ Ratiometric output from supply voltage
120 kHz Bandwidth, High Voltage Isolation
Current Sensor with Integrated Overcurrent Detection
Continued on the next page…
Package: 16-pin SOIC Hall Effect IC
Package (suffix LA)
1
2
3
4
5
6
7
8
IP+
IP+
IP+
IP+
IP–
IP–
IP–
IP–
16
15
14
13
12
11
10
9
FAULT_EN
VOC
VCC
FAULT
VIOUT
FILTER
VZCR
GND
ACS710
0.1 μF
COC
CF
1 nF
VIOUT
Fault_EN
VCC
RH
RPU
RL
IP
B
A
RH, RL Sets resistor divider reference for VOC
CF
Noise and bandwidth limiting filter capacitor
COC
Fault delay setting capacitor, 22 nF maximum
A
Use of capacitor required
B
Use of resistor optional, 330 kΩ recommended.
If used, resistor must be connected between
¯F¯¯A¯U¯¯L¯¯T¯ pin and VCC.
Typical Application Circuit


Similar Part No. - ACS710

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACS710KLATR-12CB-T AVAGO-ACS710KLATR-12CB-T Datasheet
461Kb / 22P
120 kHz Bandwidth, High Voltage Isolation Current Sensor with Integrated Overcurrent Detection
ACS710KLATR-25CB-T AVAGO-ACS710KLATR-25CB-T Datasheet
461Kb / 22P
120 kHz Bandwidth, High Voltage Isolation Current Sensor with Integrated Overcurrent Detection
logo
Allegro MicroSystems
ACS710 ALLEGRO-ACS710_16 Datasheet
946Kb / 23P
120 kHz Bandwidth, High-Voltage Isolation
More results

Similar Description - ACS710

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACS710KLATR-12CB-T AVAGO-ACS710KLATR-12CB-T Datasheet
461Kb / 22P
120 kHz Bandwidth, High Voltage Isolation Current Sensor with Integrated Overcurrent Detection
ACS710KLATR-25CB-T AVAGO-ACS710KLATR-25CB-T Datasheet
461Kb / 22P
120 kHz Bandwidth, High Voltage Isolation Current Sensor with Integrated Overcurrent Detection
logo
Allegro MicroSystems
ACS716 ALLEGRO-ACS716 Datasheet
486Kb / 22P
120 kHz Bandwidth, High Voltage Isolation Current Sensor with Integrated Overcurrent Detection
logo
SEC Electronics Inc.
SC206KSIT SECELECTRONICS-SC206KSIT Datasheet
1Mb / 13P
120 kHz Bandwidth, High Voltage Isolation Current Sensor with Integrated Overcurrent Detection
SC210KSIT SECELECTRONICS-SC210KSIT Datasheet
1Mb / 13P
120 kHz Bandwidth, High Voltage Isolation Current Sensor with Integrated Overcurrent Detection
SC212KSIT SECELECTRONICS-SC212KSIT Datasheet
1Mb / 13P
120 kHz Bandwidth, High Voltage Isolation Current Sensor with Integrated Overcurrent Detection
SC225KSIT SECELECTRONICS-SC225KSIT Datasheet
1Mb / 13P
120 kHz Bandwidth, High Voltage Isolation Current Sensor with Integrated Overcurrent Detection
logo
Analog Devices
AD215 AD-AD215_15 Datasheet
237Kb / 12P
120 kHz Bandwidth, Low Distortion, Isolation Amplifier
REV. 0
logo
Allegro MicroSystems
ACS710 ALLEGRO-ACS710_16 Datasheet
946Kb / 23P
120 kHz Bandwidth, High-Voltage Isolation
ACS716 ALLEGRO-ACS716_16 Datasheet
913Kb / 22P
120 kHz Bandwidth, High-Voltage Isolation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com