Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VIPER16LN Datasheet(PDF) 4 Page - STMicroelectronics

Part # VIPER16LN
Description  Fixed frequency VIPerTM plus family
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER16LN Datasheet(HTML) 4 Page - STMicroelectronics

  VIPER16LN Datasheet HTML 1Page - STMicroelectronics VIPER16LN Datasheet HTML 2Page - STMicroelectronics VIPER16LN Datasheet HTML 3Page - STMicroelectronics VIPER16LN Datasheet HTML 4Page - STMicroelectronics VIPER16LN Datasheet HTML 5Page - STMicroelectronics VIPER16LN Datasheet HTML 6Page - STMicroelectronics VIPER16LN Datasheet HTML 7Page - STMicroelectronics VIPER16LN Datasheet HTML 8Page - STMicroelectronics VIPER16LN Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
Pin settings
VIPER16
4/25
Doc ID 15232 Rev 5
3
Pin settings
Figure 3.
Connection diagram (top view)
Note:
The copper area for heat dissipation has to be designed under the DRAIN pins.
Table 3.
Pin description
Pin N.
Name
Function
DIP-7
SO16
11-2
GND
Connected to the source of the internal power MOSFET and controller
ground reference.
-4
N.A.
Not available for user. It can be connected to GND (pins 1-2) or left not
connected.
25
VDD
Supply voltage of the control section. This pin provides the charging
current of the external capacitor.
36
LIM
This pin allows setting the drain current limitation. The limit can be
reduced by connecting an external resistor between this pin and GND.
Pin left open if default drain current limitation is used.
47
FB
Inverting input of the internal trans conductance error amplifier.
Connecting the converter output to this pin through a single resistor
results in an output voltage equal to the error amplifier reference
voltage (See VFB_REF on Table 7). An external resistors divider is
required for higher output voltages.
58
COMP
Output of the internal trans conductance error amplifier. The
compensation network have to be placed between this pin and GND to
achieve stability and good dynamic performance of the voltage control
loop. The pin is used also to directly control the PWM with an
optocoupler. The linear voltage range extends from VCOMPL to
VCOMPH (Table 7).
7,8
13-16
DRAIN
High voltage drain pin. The built-in high voltage switched start-up bias
current is drawn from this pin too.
Pins connected to the metal frame to facilitate heat dissipation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com