Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VND810-E Datasheet(PDF) 5 Page - STMicroelectronics

Part # VND810-E
Description  DOUBLE CHANNEL HIGH SIDE DRIVER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND810-E Datasheet(HTML) 5 Page - STMicroelectronics

  VND810-E Datasheet HTML 1Page - STMicroelectronics VND810-E Datasheet HTML 2Page - STMicroelectronics VND810-E Datasheet HTML 3Page - STMicroelectronics VND810-E Datasheet HTML 4Page - STMicroelectronics VND810-E Datasheet HTML 5Page - STMicroelectronics VND810-E Datasheet HTML 6Page - STMicroelectronics VND810-E Datasheet HTML 7Page - STMicroelectronics VND810-E Datasheet HTML 8Page - STMicroelectronics VND810-E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5/20
VND810-E
ELECTRICAL CHARACTERISTICS (continued)
Table 8. Status Pin
Table 9. Switching (VCC=13V)
Table 10. Openload Detection
Table 11. Logic Input
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VSTAT
Status Low Output Voltage ISTAT= 1.6 mA
0.5
V
ILSTAT
Status Leakage Current
Normal Operation; VSTAT= 5V
10
µA
CSTAT
Status Pin Input
Capacitance
Normal Operation; VSTAT= 5V
100
pF
VSCL
Status Clamp Voltage
ISTAT= 1mA
ISTAT= - 1mA
66.8
-0.7
8V
V
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
td(on)
Turn-on Delay Time
RL=13Ω from VIN rising edge to
VOUT=1.3V
30
µs
td(off)
Turn-off Delay Time
RL=13Ω from VIN falling edge to
VOUT=11.7V
30
µs
dVOUT/dt(on) Turn-on Voltage Slope
RL=13Ω from VOUT=1.3V to
VOUT=10.4V
See
relative
diagram
V/
µs
dVOUT/dt(off) Turn-off Voltage Slope
RL=13Ω from VOUT=11.7V to
VOUT=1.3V
See
relative
diagram
V/
µs
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
IOL
Openload ON State
Detection Threshold
VIN=5V
20
40
80
mA
tDOL(on)
Openload ON State
Detection Delay
IOUT=0A
200
µs
VOL
Openload OFF State
Voltage Detection
Threshold
VIN=0V
1.5
2.5
3.5
V
tDOL(off)
Openload Detection Delay
at Turn Off
1000
µs
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VIL
Input Low Level
1.25
V
IIL
Low Level Input Current
VIN = 1.25V
1
µA
VIH
Input High Level
3.25
V
IIH
High Level Input Current
VIN = 3.25V
10
µA
VI(hyst)
Input Hysteresis Voltage
0.5
V
VICL
Input Clamp Voltage
IIN = 1mA
IIN = -1mA
66.8
-0.7
8V
V
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com