Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8338 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8338
Description  Low Power, 18 MHz Variable Gain Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8338 Datasheet(HTML) 1 Page - Analog Devices

  AD8338 Datasheet HTML 1Page - Analog Devices AD8338 Datasheet HTML 2Page - Analog Devices AD8338 Datasheet HTML 3Page - Analog Devices AD8338 Datasheet HTML 4Page - Analog Devices AD8338 Datasheet HTML 5Page - Analog Devices AD8338 Datasheet HTML 6Page - Analog Devices AD8338 Datasheet HTML 7Page - Analog Devices AD8338 Datasheet HTML 8Page - Analog Devices AD8338 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Low Power, 18 MHz Variable Gain Amplifier
Data Sheet
AD8338
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2013 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Voltage controlled gain range of 0 dB to 80 dB
3 mA supply current at gain of 40 dB
Low frequency (LF) to 18 MHz operation
Supply range: 3.0 V to 5.0 V
Adjustable gain range
Low noise: 4.5 nV/√Hz
Fully differential signal path
Offset correction (offset null) feature
Adjustable bandwidth
Internal 1.5 V reference
16-lead LFCSP
Automatic gain control feature
Wide gain range for high dynamic range signals
APPLICATIONS
Front end for inductive telemetry systems
Ultrasonic signal receivers
RF baseband signal conditioning
GENERAL DESCRIPTION
The AD8338 is a variable gain amplifier (VGA) for applications
that require a fully differential signal path, low power, low noise,
and a well-defined gain over frequencies from LF to 18 MHz. The
device can also operate using single-ended sources if required.
The basic gain function is linear-in-dB with a nominal gain range
of 0 dB to 80 dB; the nominal gain range corresponds to a control
voltage on the GAIN pin of 0.1 V to 1.1 V. The gain range can be
adjusted up or down via direct access to the internal summing
nodes at the INPD and INMD pins. For example, if a 47 Ω resistor
is applied to the INPD and INMD pins, a gain range of 20 dB to
100 dB is set with an input referred noise level of 1.5 nV√Hz.
The AD8338 includes additional circuits to enable offset correction
and automatic gain control (AGC). DC offset voltages are removed
by the offset correction circuit, which behaves like a high-pass filter.
The high-pass filter corner frequency is set using an external
capacitor. The AGC function varies the gain of the AD8338 to
maintain a constant rms output voltage. A user supplied voltage
controls the target output rms voltage. A user supplied capacitor
to ground at the DETO pin controls the response time of the
AGC circuit.
FUNCTIONAL BLOCK DIAGRAM
INPR
INPD
INMD
INMR
MODE
COMM
GAIN
FBKM
OUTP
OUTM
DETO
VAGC
FBKP
+
–
+
–
VREF
VGA CORE
0dB TO 80dB
OFFSET NULL
OUTPUT
STAGE
0dB
OFSN
VREF
VBAT
AUTOMATIC
GAIN
CONTROL
GAIN INTERFACE
AD8338
Figure 1.
100
–40
–20
0
20
40
60
80
10k
100M
10M
1M
100k
FREQUENCY (Hz)
VGAIN = 0.1V
VGAIN = 0.2V
VGAIN = 0.3V
VGAIN = 0.4V
VGAIN = 0.5V
VGAIN = 0.6V
VGAIN = 0.7V
VGAIN = 0.8V
VGAIN = 0.9V
VGAIN = 1.0V
VGAIN = 1.1V
Figure 2. Gain vs. Frequency
The AD8338 offers additional versatility by allowing user access
to the internal summing nodes. With a few discrete components,
users can customize the gain, bandwidth, input impedance, and
noise profile of the part to fit their application.
The AD8338 uses a single supply voltage of 3.0 V to 5.0 V and is
very power efficient, consuming as little as 3 mA quiescent current.
The AD8338 is available in a 3 mm × 3 mm, RoHS compliant,
16-lead LFCSP. It is specified over the industrial temperature range
of −40°C to +85°C.


Similar Part No. - AD8338

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8338 AD-AD8338 Datasheet
462Kb / 19P
Low Power, 18 MHz Variable Gain Amplifier
6/2016-Rev. A to Rev. B
AD8338-EVALZ AD-AD8338-EVALZ Datasheet
462Kb / 19P
Low Power, 18 MHz Variable Gain Amplifier
6/2016-Rev. A to Rev. B
AD8338ACPZ-R7 AD-AD8338ACPZ-R7 Datasheet
462Kb / 19P
Low Power, 18 MHz Variable Gain Amplifier
6/2016-Rev. A to Rev. B
AD8338ACPZ-RL AD-AD8338ACPZ-RL Datasheet
462Kb / 19P
Low Power, 18 MHz Variable Gain Amplifier
6/2016-Rev. A to Rev. B
AD8338 AD-AD8338_16 Datasheet
462Kb / 19P
Low Power, 18 MHz Variable Gain Amplifier
6/2016-Rev. A to Rev. B
More results

Similar Description - AD8338

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC5523 NSC-CLC5523 Datasheet
154Kb / 12P
Low-Power, Variable Gain Amplifier
logo
Analog Devices
AD603 AD-AD603 Datasheet
219Kb / 14P
Low Noise, 90 MHz Variable-Gain Amplifier
AD8330 AD-AD8330 Datasheet
681Kb / 28P
Low Cost DC-150 MHz Variable Gain Amplifier
4/03-Data Sheet changed from REV. 0 to REV. A.
logo
National Semiconductor ...
LMH6504 NSC-LMH6504 Datasheet
759Kb / 19P
Wideband, Low Power, Variable Gain Amplifier
logo
Analog Devices
AD603 AD-AD603_05 Datasheet
605Kb / 20P
Low Noise, 90 MHz Variable Gain Amplifier
3/05-Rev. F to Rev. G
AD603 AD-AD603_07 Datasheet
551Kb / 24P
Low Noise, 90 MHz Variable Gain Amplifier
Rev. H
logo
Texas Instruments
LMH6504 TI1-LMH6504_14 Datasheet
1Mb / 29P
Wideband, Low Power, Variable Gain Amplifier
logo
Analog Devices
AD603 AD-AD603_15 Datasheet
994Kb / 25P
Low Noise, 90 MHz Variable Gain Amplifier
Rev. K
AD603 AD-AD603_17 Datasheet
815Kb / 25P
Low Noise, 90 MHz Variable Gain Amplifier
4/12-Rev. J to Rev. K
AD8338 AD-AD8338_16 Datasheet
462Kb / 19P
Low Power, 18 MHz Variable Gain Amplifier
6/2016-Rev. A to Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com