| Electronic Components Datasheet Search |
|
ADAS3023BCPZ Datasheet(PDF) 28 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADAS3023BCPZ Datasheet(HTML) 28 Page - Analog Devices |
|
28 / 32 page ![]() ADAS3023 Data Sheet GENERAL TIMING Figure 48 and Figure 49 conversion timing diagrams show the specific timing parameters, including the complete register to conversion and readback pipeline delay. These figures detail the timing from a power up or from returning from a full power down by use of the PD input. When the BUSY/SDO2 output is not enabled after the EOC, the data available on the SDO output (MSB first) can be read after the16 SCK rising edges in sequen- tial fashion (from Channel 0 (CH0) to Channel 7 (CH7)), as shown in Figure 48. The converter busy signal is always output on the BUSY/SDO2 pin when CS is logic high. When the BUSY/SDO2 output is ena- bled when CS is brought low after the EOC, the SDO outputs the data of Channel 0 to Channel 3 (CH0, CH1, CH2, and CH3), and the SDO2 outputs the data of Channel 4 to Channel 7 (CH4, CH5, CH6, and CH7) after 16 SCK rising edges, as shown in Figure 49. The conversion result output on BUSY/SDO2 pin synchronizes to the SCK falling edges. The conversion results are in twos comple- ment format. Reading or writing data during the quiet conversion phase (tCONV) may cause incorrect bit decisions. Figure 48. General Timing Diagram with BUSY/SDO2 Disabled Figure 49. General Timing Diagram with BUSY/SDO2 Enabled 1 16 1 16 1 16 1 16 1 16 1 16 PHASE CNV SCK DIN SDO BUSY/ SDO2 CS SOC SOC EOC NOTE 2 NOTE 1 NOTE 4 NOTE 3 NOTE 2 NOTE 1 EOC POWER UP tCONV tCYC tCNVH tAD CONVERSION (n) CONVERSION (n + 1) ACQUISITION (n + 1) ACQUISITION (n + 2) SOC DATA (n) CFG (n + 2) CFG (n + 3) CH0 CH1 CH7 CH0 CH1 CH7 DATA (n + 1) tCBD NOTES 1. DATA ACCESS CAN ONLY OCCUR AFTER CONVERSION. BOTH CONVERSION RESULT AND THE CFG REGISTER ARE UPDATED AT THE END OF THE CONVERSION (EOC). 2. A TOTAL OF 16 SCK FALLING EDGES ARE REQUIRED FOR CONVERSION RESULT. AN ADDITIONAL 16 EDGES AFTER THE LAST CONVERSION RESULT ON BUSY READS BACK THE CFG ASSOCIATED WITH CONVERSION. 3. CS CAN BE HELD LOW OR CONNECTED TO CNV. CS IS SHOWN WITH FULL INDEPENDENT CONTROL. 4. FOR OPTIMAL PERFORMANCE, DATA ACCESS SHOULD NOT OCCUR DURING THE SAMPLING INSTANT. A MINIMUM TIME OF AT LEAST THE APERATURE DELAY, tAD, SHOULD LAPSE PRIOR TO DATA ACCESS. 1 16 PHASE CNV SCK DIN SDO BUSY/ SDO2 CS SOC SOC EOC NOTE 1 NOTE 4 NOTE 3 NOTE 2 NOTE 1 EOC POWER UP tCONV tCYC tCNVH tAD CONVERSION (n) CONVERSION (n + 1) ACQUISITION (n + 1) ACQUISITION (n + 2) SOC DATA (n) CFG (n + 2) CFG (n + 3) DATA (n + 1) CH0 CH4 CH1 CH5 CH2 CH6 CH3 CH7 CH0 CH4 CH1 CH5 CH2 CH6 CH3 CH7 1 16 1 16 1 16 1 16 1 16 1 16 1 16 NOTES 1. DATA ACCESS CAN ONLY OCCUR AFTER CONVERSION. BOTH CONVERSION RESULT AND THE CFG REGISTER ARE UPDATED AT THE END OF THE CONVERSION (EOC). 2. A TOTAL OF 16 SCK FALLING EDGES ARE REQUIRED FOR CONVERSION RESULT. AN ADDITIONAL 16 EDGES AFTER THE LAST CONVERSION RESULT ON BUSY READS BACK THE CFG ASSOCIATED WITH CONVERSION. 3. CS CAN BE HELD LOW OR CONNECTED TO CNV. CS IS SHOWN WITH FULL INDEPENDENT CONTROL. 4. FOR OPTIMAL PERFORMANCE, DATA ACCESS SHOULD NOT OCCUR DURING THE SAMPLING INSTANT. A MINIMUM TIME OF AT LEAST THE APERATURE DELAY, tAD, SHOULD LAPSE PRIOR TO DATA ACCESS. Rev. 0 | Page 28 of 32 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |