Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSUSB42MUX Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FSUSB42MUX
Description  FSUSB42 ??Low-Power, Two-Port, Hi-Speed, USB2.0 (480Mbps) UART Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSUSB42MUX Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FSUSB42MUX Datasheet HTML 1Page - Fairchild Semiconductor FSUSB42MUX Datasheet HTML 2Page - Fairchild Semiconductor FSUSB42MUX Datasheet HTML 3Page - Fairchild Semiconductor FSUSB42MUX Datasheet HTML 4Page - Fairchild Semiconductor FSUSB42MUX Datasheet HTML 5Page - Fairchild Semiconductor FSUSB42MUX Datasheet HTML 6Page - Fairchild Semiconductor FSUSB42MUX Datasheet HTML 7Page - Fairchild Semiconductor FSUSB42MUX Datasheet HTML 8Page - Fairchild Semiconductor FSUSB42MUX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSUSB42 • Rev. 1.1.5
2
Pin Assignments
Vcc
GND
1
8
5
4
3
2
Sel
D+
D-
HSD2+
HSD2-
HSD1+
/OE
9
10
6
7
HSD1-
5
4
3
2
1
6
7
8
9
10
VCC
Sel
D+
D-
GND
/OE
HSD1-
HSD2-
HSD1+
HSD2+
Figure 2. Pin Assignment 10L UMLP
(Top Through View)
Figure 3. Pin Assignment 10L MSOP
(Top Through View)
Pin Definitions
UMLP Pin#
MSOP Pin#
Name
Description
1
3
D+
USB Data Bus
2
4
D-
USB Data Bus
3
5
GND
Ground
4
6
HSD1-
Multiplexed Source Inputs (UART / USB)
5
7
HSD1+
Multiplexed Source Inputs (UART / USB)
6
8
HSD2-
Multiplexed Source Inputs (USB Only)
7
9
HSD2+
Multiplexed Source Inputs (USB Only)
8
10
/OE
Switch Enable
9
1
VCC
Supply Voltage
10
2
Sel
Switch Select
Truth Table
Sel
/OE
Function
X
HIGH
Disconnect
LOW
LOW
D+, D-=HSD1+, HSD1-
HIGH
LOW
D+, D-=HSD2+, HSD2-



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com