Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSP061-2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # HSP061-2
Description  2-line ESD protection for high speed lines
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HSP061-2 Datasheet(HTML) 1 Page - STMicroelectronics

  HSP061-2 Datasheet HTML 1Page - STMicroelectronics HSP061-2 Datasheet HTML 2Page - STMicroelectronics HSP061-2 Datasheet HTML 3Page - STMicroelectronics HSP061-2 Datasheet HTML 4Page - STMicroelectronics HSP061-2 Datasheet HTML 5Page - STMicroelectronics HSP061-2 Datasheet HTML 6Page - STMicroelectronics HSP061-2 Datasheet HTML 7Page - STMicroelectronics HSP061-2 Datasheet HTML 8Page - STMicroelectronics HSP061-2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
February 2012
Doc ID 022777 Rev 1
1/12
12
HSP061-2
2-line ESD protection for high speed lines
Features
Flow-through routing to keep signal integrity
Ultralarge bandwidth: 6 GHz
Ultralow capacitance: 0.6 pF
Low leakage current: 100 nA at 25 °C
Extended operating junction temperature
range: -40 °C to 150 °C
RoHS compliant
Benefits
High ESD robustness of the equipment
Suitable for high density boards
Complies with following standards
MIL-STD 883G Method 3015-7 Class 3B:
–8 kV
IEC 61000-4-2 level 4:
– 15 kV (air discharge)
– 8 kV (contact discharge)
Applications
The HSP061-2 series is designed to protect
against electrostatic discharge on sub micron
technology circuits driving:
HDMI 1.3 and 1.4
Digital Video Interface
Display Port
USB 3.0
Serial ATA
Ethernet
HMI
Figure 1.
Functional schematic (top view)
Description
The HSP061-2 is a 2-channel ESD array with a
rail to rail architecture designed specifically for the
protection of high speed differential lines.
The ultralow variation of the capacitance ensures
very low influence on signal-skew. The large
bandwidth makes it compatible with 5 Gbps.
The HSP061-2P6 is housed in SOT-666. The
HSP061-2M6 is packaged in µQFN-6L (1.45 x
1.0 mm) with a 500 µm pitch. The HSP061-2N4 is
packaged in µQFN-4L (1.0 x 0.8 mm) with a
400 µm pitch.
HSP061-2M6
µQFN-6L
HSP061-2N4
µQFN-4L
HSP061-2P6
SOT-666
1
6
2
5
3
4
I/O1
I/O1
GND
VBUS
I/O2
I/O2
1
16
2
5
3
4
I/O1
I/O1
GND
VBUS
I/O2
I/O2
µQFN 6 leads
µQFN 4 leads
SOT666
I/O1
NC
GND
I/O2
NC
www.st.com


Similar Part No. - HSP061-2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HSP061-2 STMICROELECTRONICS-HSP061-2 Datasheet
269Kb / 12P
2-line ESD protection for high speed lines
19-Mar-2014
HSP061-2M6 STMICROELECTRONICS-HSP061-2M6 Datasheet
269Kb / 12P
2-line ESD protection for high speed lines
19-Mar-2014
logo
TECH PUBLIC Electronics...
HSP061-2M6 TECHPUBLIC-HSP061-2M6 Datasheet
1Mb / 4P
Low-Capacitance 2-Channel double Rail-to-Rail ESD-Protection
logo
STMicroelectronics
HSP061-2N4 STMICROELECTRONICS-HSP061-2N4 Datasheet
269Kb / 12P
2-line ESD protection for high speed lines
19-Mar-2014
HSP061-2P6 STMICROELECTRONICS-HSP061-2P6 Datasheet
269Kb / 12P
2-line ESD protection for high speed lines
19-Mar-2014
More results

Similar Description - HSP061-2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HSP061-4M10 STMICROELECTRONICS-HSP061-4M10 Datasheet
182Kb / 11P
4-line ESD protection for high speed lines
18-Oct-2012
HSP061-4NY8 STMICROELECTRONICS-HSP061-4NY8_13 Datasheet
353Kb / 9P
4-line ESD protection for high speed lines
27-Mar-2013
HSP062-2 STMICROELECTRONICS-HSP062-2 Datasheet
216Kb / 11P
2-line ESD protection for high speed lines
07-Feb-2012
HSP061-2M6 STMICROELECTRONICS-HSP061-2M6 Datasheet
269Kb / 12P
2-line ESD protection for high speed lines
19-Mar-2014
HSP051-4M10 STMICROELECTRONICS-HSP051-4M10 Datasheet
566Kb / 12P
4-line ESD protection for high speed lines
14-Nov-2014
HSP051-4N10 STMICROELECTRONICS-HSP051-4N10 Datasheet
1Mb / 11P
4-line ESD protection for high speed lines
11-Jul-2014
HSP061-2Y STMICROELECTRONICS-HSP061-2Y Datasheet
319Kb / 8P
Automotive 2-line ESD protection for high speed lines
19-Nov-2014
HSP061-4F4 STMICROELECTRONICS-HSP061-4F4 Datasheet
194Kb / 7P
4-line ESD protection for high speed lines
31-Oct-2013
HSP051-2W3Y STMICROELECTRONICS-HSP051-2W3Y Datasheet
776Kb / 12P
Automotive 2-line ESD protection for high speed lines
10-Jul-2018
HSP051-4M5 STMICROELECTRONICS-HSP051-4M5 Datasheet
2Mb / 15P
4-line ESD protection for high speed lines
07-Nov-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com