Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSP062-2 Datasheet(PDF) 7 Page - STMicroelectronics

Part # HSP062-2
Description  2-line ESD protection for high speed lines
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HSP062-2 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button HSP062-2 Datasheet HTML 3Page - STMicroelectronics HSP062-2 Datasheet HTML 4Page - STMicroelectronics HSP062-2 Datasheet HTML 5Page - STMicroelectronics HSP062-2 Datasheet HTML 6Page - STMicroelectronics HSP062-2 Datasheet HTML 7Page - STMicroelectronics HSP062-2 Datasheet HTML 8Page - STMicroelectronics HSP062-2 Datasheet HTML 9Page - STMicroelectronics HSP062-2 Datasheet HTML 10Page - STMicroelectronics HSP062-2 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
HSP062-2
Recommendation on PCB assembly
Doc ID 022778 Rev 1
7/11
4
Recommendation on PCB assembly
4.1
Stencil opening design
1.
General recommendation on stencil opening design
a)
Stencil opening dimensions: L (Length), W (Width), T (Thickness).
Figure 13.
Stencil opening dimensions
b)
General design rule
Stencil thickness (T) = 75 ~ 125 µm
2.
Reference design
a)
Stencil opening thickness: 100 µm
b)
Stencil opening for leads: Opening to footprint ratio is 90%.
Figure 14.
Recommended stencil window position
L
T
W
Aspect Ratio
W
T
-----
1.5
=
Aspect Area
LW
×
2T L
W
+
()
----------------------------
0.66
=
250 µm
236 µm
15 µm
15 µm
7µm
7µm
Footprint
Stencil window
Footprint



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com