Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPS8599 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MPS8599
Description  Amplifier Transistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPS8599 Datasheet(HTML) 2 Page - Motorola, Inc

  MPS8599 Datasheet HTML 1Page - Motorola, Inc MPS8599 Datasheet HTML 2Page - Motorola, Inc MPS8599 Datasheet HTML 3Page - Motorola, Inc MPS8599 Datasheet HTML 4Page - Motorola, Inc MPS8599 Datasheet HTML 5Page - Motorola, Inc MPS8599 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
NPN MPS8098 MPS8099 PNP MPS8598 MPS8599
2
Motorola Small–Signal Transistors, FETs and Diodes Device Data
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted) (Continued)
Characteristic
Symbol
Min
Max
Unit
ON CHARACTERISTICS(1)
DC Current Gain
(IC = 1.0 mAdc, VCE = 5.0 Vdc)
(IC = 10 mAdc, VCE = 5.0 Vdc)
(IC = 100 mAdc, VCE = 5.0 Vdc)
hFE
100
100
75
300
—
—
—
Collector – Emitter Saturation Voltage
(IC = 100 mAdc, IB = 5.0 mAdc)
(IC = 100 mAdc, IB = 10 mAdc)
VCE(sat)
—
—
0.4
0.3
Vdc
Base–Emitter On Voltage
(IC = 1.0 mAdc, VCE = 5.0 Vdc)
MPS8098, MPS8598
(IC = 10 mAdc, VCE = 5.0 Vdc)
MPS8099, MPS8599
VBE(on)
0.5
0.6
0.7
0.8
Vdc
SMALL– SIGNAL CHARACTERISTICS
Current – Gain — Bandwidth Product
(IC = 10 mAdc, VCE = 5.0 Vdc, f = 100 MHz)
fT
150
—
MHz
Output Capacitance
(VCB = 5.0 Vdc, IE = 0, f = 1.0 MHz)
MPS8098, MPS8099
MPS8598, MPS8599
Cobo
—
—
6.0
8.0
pF
Input Capacitance
(VEB = 0.5 Vdc, IC = 0, f = 1.0 MHz)
MPS8098, MPS8099
MPS8598, MPS8599
Cibo
—
—
25
30
pF
1. Pulse Test: Pulse Width
v 300 ms, Duty Cycle = 2.0%.
Figure 1. Switching Time Test Circuits
OUTPUT
TURN–ON TIME
–1.0 V
VCC
+40 V
RL
* CS t 6.0 pF
RB
100
100
Vin
5.0
mF
tr = 3.0 ns
0
+10 V
5.0
ms
OUTPUT
TURN–OFF TIME
+VBB
VCC
+40 V
RL
* CS t 6.0 pF
RB
100
100
Vin
5.0
mF
tr = 3.0 ns
5.0
ms
* Total Shunt Capacitance of Test Jig and Connectors
For PNP Test Circuits, Reverse All Voltage Polarities



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com