Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXLD1356DACTC Datasheet(PDF) 13 Page - Diodes Incorporated

Part # ZXLD1356DACTC
Description  60V 550mA LED DRIVER and AUTOMOTIVE GRADE
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1356DACTC Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button ZXLD1356DACTC Datasheet HTML 9Page - Diodes Incorporated ZXLD1356DACTC Datasheet HTML 10Page - Diodes Incorporated ZXLD1356DACTC Datasheet HTML 11Page - Diodes Incorporated ZXLD1356DACTC Datasheet HTML 12Page - Diodes Incorporated ZXLD1356DACTC Datasheet HTML 13Page - Diodes Incorporated ZXLD1356DACTC Datasheet HTML 14Page - Diodes Incorporated ZXLD1356DACTC Datasheet HTML 15Page - Diodes Incorporated ZXLD1356DACTC Datasheet HTML 16Page - Diodes Incorporated ZXLD1356DACTC Datasheet HTML 17Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
ZXLD1356/ ZXLD1356Q
Document number: DS33470 Rev. 4 - 2
13 of 29
www.diodes.com
October 2012
© Diodes Incorporated
ZXLD1356/ ZXLD1356Q
A Product Line of
Diodes Incorporated
Typical Operating Conditions (cont.)
 
ZXLD1356 Output C urrent
L = 150µH
15 LED s
13 LED s
11 LEDs
9 LEDs
7 LEDs
5 LEDs
3 LEDs
1 LED
040
50
60
10
20
30
Supply Voltage (V)
 
0.500
0.520
0.540
0.560
0.580
0.600
0.620
0.640
15 LED s
13 LED s
11 LEDs
9 LEDs
7 LEDs
5 LEDs
3 LEDs
1 LED
040
50
60
10
20
30
Supply Voltage (V)
10%
8%
-10%
-8%
-6%
6%
-4%
-2%
0%
2%
4%
ZXLD 1356 Output Current Deviation (N ormalized)
L = 150µH
15 LED s
13 LED s
11 LEDs
9 LEDs
7 LEDs
5 LEDs
3 LEDs
1 LED
040
50
60
10
20
30
Supply Voltage (V)
ZXLD1356 Efficiency
L = 150µH
100%
95%
50%
55%
60%
90%
65%
70%
75%
80%
85%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com