Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F103X8 Datasheet(PDF) 29 Page - STMicroelectronics

Part # STM32F103X8
Description  Medium-density performance line ARM-based 32-bit MCU with 64 or 128 KB Flash
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103X8 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button STM32F103X8_13 Datasheet HTML 25Page - STMicroelectronics STM32F103X8_13 Datasheet HTML 26Page - STMicroelectronics STM32F103X8_13 Datasheet HTML 27Page - STMicroelectronics STM32F103X8_13 Datasheet HTML 28Page - STMicroelectronics STM32F103X8_13 Datasheet HTML 29Page - STMicroelectronics STM32F103X8_13 Datasheet HTML 30Page - STMicroelectronics STM32F103X8_13 Datasheet HTML 31Page - STMicroelectronics STM32F103X8_13 Datasheet HTML 32Page - STMicroelectronics STM32F103X8_13 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 105 page
background image
STM32F103x8, STM32F103xB
Pinouts and pin description
Doc ID 13587 Rev 15
29/105
J2
K3
12
F3
16
25
9
PA2
I/O
PA2
USART2_TX(9)/
ADC12_IN2/
TIM2_CH3(9)
K2
L3
13
G3
17
26
10
PA3
I/O
PA3
USART2_RX(9)/
ADC12_IN3/
TIM2_CH4(9)
E4
E3
-
C2
18
27
-
VSS_4
SVSS_4
F4
H3
-
D2
19
28
-
VDD_4
SVDD_4
G3
M3
14
H3
20
29
11
PA4
I/O
PA4
SPI1_NSS(9)/
USART2_CK(9)/
ADC12_IN4
H3
K4
15
F4
21
30
12
PA5
I/O
PA5
SPI1_SCK(9)/
ADC12_IN5
J3
L4
16
G4
22
31
13
PA6
I/O
PA6
SPI1_MISO(9)/
ADC12_IN6/
TIM3_CH1(9)
TIM1_BKIN
K3
M4
17
H4
23
32
14
PA7
I/O
PA7
SPI1_MOSI(9)/
ADC12_IN7/
TIM3_CH2(9)
TIM1_CH1N
G4
K5
-
H5
24
33
PC4
I/O
PC4
ADC12_IN14
H4
L5
-
H6
25
34
PC5
I/O
PC5
ADC12_IN15
J4
M5
18
F5
26
35
15
PB0
I/O
PB0
ADC12_IN8/
TIM3_CH3(9)
TIM1_CH2N
K4
M6
19
G5
27
36
16
PB1
I/O
PB1
ADC12_IN9/
TIM3_CH4(9)
TIM1_CH3N
G5
L6
20
G6
28
37
17
PB2
I/O FT PB2/BOOT1
H5
M7
-
-
-
38
-
PE7
I/O FT
PE7
TIM1_ETR
J5
L7
-
-
-
39
-
PE8
I/O FT
PE8
TIM1_CH1N
K5
M8
-
-
-
40
-
PE9
I/O FT
PE9
TIM1_CH1
G6
L8
-
-
-
41
-
PE10
I/O FT
PE10
TIM1_CH2N
H6
M9
-
-
-
42
-
PE11
I/O FT
PE11
TIM1_CH2
J6
L9
-
-
-
43
-
PE12
I/O FT
PE12
TIM1_CH3N
K6 M10
-
-
-
44
-
PE13
I/O FT
PE13
TIM1_CH3
G7 M11
-
-
-
45
-
PE14
I/O FT
PE14
TIM1_CH4
Table 5.
Medium-density STM32F103xx pin definitions (continued)
Pins
Pin name
Main
function(3)
(after reset)
Alternate functions(4)
Default
Remap



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com