Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADRF6518 Datasheet(PDF) 21 Page - Analog Devices

Part # ADRF6518
Description  63 MHz Dual Programmable Filters and Variable Gain Amplifiers
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6518 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADRF6518 Datasheet HTML 17Page - Analog Devices ADRF6518 Datasheet HTML 18Page - Analog Devices ADRF6518 Datasheet HTML 19Page - Analog Devices ADRF6518 Datasheet HTML 20Page - Analog Devices ADRF6518 Datasheet HTML 21Page - Analog Devices ADRF6518 Datasheet HTML 22Page - Analog Devices ADRF6518 Datasheet HTML 23Page - Analog Devices ADRF6518 Datasheet HTML 24Page - Analog Devices ADRF6518 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
Preliminary Technical Data
ADRF6518
Rev. PrA | Page 21 of 36
THEORY OF OPERATION
The ADRF6518 consists of a matched pair of input VGAs
followed by programmable filters, and then by a cascade of two
variable gain amplifiers and output ADC drivers. The filters can
be bypassed and powered down through the SPI interface for
operation beyond the maximum filter bandwidth. The block
diagram of a single channel is shown in Figure 68.
The programmability of the filter bandwidth and of the prefilter-
ing and postfiltering fixed gains through the SPI interface offers
great flexibility when coping with signals of varying levels in the
presence of noise and large, undesired signals near the desired
band. The entire differential signal chain is dc-coupled with
flexible interfaces at the input and output. The bandwidth and
gain setting controls for the two channels are shared, ensuring
close matching of their magnitude and phase responses. The
ADRF6518 can be fully disabled through the ENBL pin.
Figure 68. Signal Path Block Diagram for a Single Channel of the ADRF6518
Filtering and amplification are fundamental operations in any
signal processing system. Filtering is necessary to select the
intended signal while rejecting out-of-band noise and
interferers. Amplification increases the level of the desired
signal to overcome noise added by the system. When used
together, filtering and amplification can extract a low level
signal of interest in the presence of noise and out-of-band
interferers. Such analog signal processing alleviates the
requirements on the analog, mixed signal, and digital
components that follow.
INPUT VGAs
The input VGAs provide a convenient interface to the sensitive
filter sections that follow. They are designed to have a low noise
figure and high linearity. The combination of analog gain control
and digital gain settings allow a wide range of input signal levels
to be conditioned to drive the filters at up to 2 V p-p amplitude.
The VGAs set a differential input impedance of 400 Ω.
The baseband input signal can be ac-coupled or dc-coupled via
Pin 7 selection. When the signal is dc-coupled, wide input
common-mode voltage is supported by having an optional 5 V
supply on Pin 8, VPI. The default common-mode voltage is
VPI/2, which is available on the dual function Pin 7, VICM/AC,
to set the output common-mode voltage of the driving circuit.
However, this is optional and input common-mode can be
independently set within the supported range. For a 3.3 V
supply on VPI, the input common mode can range from 1.35 V
to 1.95 V, while maintaining a 5 V p-p input level at >60 dBc
HD2 and HD3. For a 5 V supply on VPI, the input common-mode
range extends to 1.35 V to 3.1 V. Extra current is drawn from the
VPI supply to support an input common mode greater than the
midvalue of the main 3.3 V supply, that is, VPS/2.
The VICM/AC voltage is not buffered and must be sensed at a
high impedance point to prevent it from being loaded down.
When the baseband input signal is ac-coupled, pull the VICM/AC
pin low to activate the internal bias for the input stage.
The input VGAs have analog gain control of 24 dB, followed
by a digital gain settings of 9 dB, 12 dB, or 15 dB, selectable
through the SPI (see the Register Map and Codes section). The
VGAs are based on the Analog Devices, Inc., patented X-AMP®
architecture, consisting of tapped 24 dB attenuators, followed by
programmable gain amplifiers. The X-AMP architecture gener-
ates a continuous linear-in-dB monotonic gain response with
low ripple. The analog gain of the VGA sections are controlled
through the high impedance VGN1 pin with an accurate slope
of 30 mV/dB. Adjust the VGA analog gain through an AGC
mechanism, such that 2 V p-p at the output of the first VGA is
not exceeded. If, however, the input signal is small enough, the
first VGA can be set at full gain for best noise figure (NF) perfor-
mance and gain control achieved in the second or third VGA.
Driving ADRF6518 Single-Ended
The input structure of the ADRF6518 is designed for differen-
tial drive. However, with some performance degradation, it can
be driven single ended, especially at low bandwidth signals. See
the Applications Information section for guidance on single-
ended drive.
PEAK DETECTOR
To measure the signal level at the critical interface of the VGA1
output and the programmable filter input, a peak detector has
been implemented. The peak detector simultaneously measures
both channels at the VGA1 output and reports the bigger of the
two at the VPK pin. The on-chip holding capacitor and negligi-
ble leakage at the internal node ensure a large droop time of the
order of a millisecond, which is a function of the peak voltage as
well. Bigger peak voltage results in longer droop time. The droop
time can be adjusted down by placing a resistor between the
RAVG and VPOS pins. Typical values of RAVG can range from
1 MΩ to 1 kΩ. As the RAVG resistor value is reduced, the peak
voltage, VPK, appears as an envelope output. The peak detector
has the attack bandwidth of 100 MHz.
The peak detector can be used in an AGC loop to set the appropri-
ate signal level at the filter input. For such an implementation,
Filter VPK appropriately, considering that it is a peak hold
output. A high pulse of 25 ns or longer duration applied to the
SDO/RST dual function pin resets the VPK voltage to 0 V by
discharging the internal holding capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com