Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NVSW219BT Datasheet(PDF) 2 Page - NICHIA CORPORATION

Part # NVSW219BT
Description  Pb-free Reflow Soldering Application, Built-in ESD Protection Device
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NVSW219BT Datasheet(HTML) 2 Page - NICHIA CORPORATION

  NVSW219BT Datasheet HTML 1Page - NICHIA CORPORATION NVSW219BT Datasheet HTML 2Page - NICHIA CORPORATION NVSW219BT Datasheet HTML 3Page - NICHIA CORPORATION NVSW219BT Datasheet HTML 4Page - NICHIA CORPORATION NVSW219BT Datasheet HTML 5Page - NICHIA CORPORATION NVSW219BT Datasheet HTML 6Page - NICHIA CORPORATION NVSW219BT Datasheet HTML 7Page - NICHIA CORPORATION NVSW219BT Datasheet HTML 8Page - NICHIA CORPORATION NVSW219BT Datasheet HTML 9Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
NICHIA STS-DA1-2007B <Cat.No.120704>
1
SPECIFICATIONS
(1) Absolute Maximum Ratings
Item
Symbol
Absolute Maximum Rating
Unit
Forward Current
IF
1500
mA
Pulse Forward Current
IFP
2000
mA
Allowable Reverse Current
IR
85
mA
Power Dissipation
PD
5.4
W
Operating Temperature
Topr
-40~100
°C
Storage Temperature
Tstg
-40~100
°C
Junction Temperature
TJ
150
°C
* Absolute Maximum Ratings at TS=25°C.
* IFP conditions with pulse width ≤10ms and duty cycle ≤10%.
(2) Initial Electrical/Optical Characteristics
Item
Symbol
Condition
Typ
Max
Unit
IF=700mA
3.13
-
Forward Voltage
VF
IF=350mA
2.95
-
V
IF=700mA
290
-
Luminous Flux
Φv
IF=350mA
155
-
lm
IF=700mA
76
-
Luminous Intensity
Iv
IF=350mA
41
-
cd
Rnn
Color Rendering
Ra
IF=700mA
-
-
-
IF=700mA
270
-
Luminous Flux
Φv
IF=350mA
145
-
lm
IF=700mA
72
-
Luminous Intensity
Iv
IF=350mA
39
-
cd
R70
Color Rendering
Ra
IF=700mA
73
-
-
IF=700mA
230
-
Luminous Flux
Φv
IF=350mA
122
-
lm
IF=700mA
61
-
Luminous Intensity
Iv
IF=350mA
32
-
cd
R8000
Color Rendering
Ra
IF=700mA
83
-
-
x
-
IF=700mA
0.344
-
-
Chromaticity Coordinate
y
-
IF=700mA
0.355
-
-
Thermal Resistance
RθJS
-
6
11
°C/W
* Characteristics at TS=25°C.
* Luminous Flux value as per CIE 127:2007 standard.
* Chromaticity Coordinates as per CIE 1931 Chromaticity Chart.
* RθJS is Thermal Resistance from junction to TS measuring point.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com