Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAM2303 Datasheet(PDF) 4 Page - Power Analog Micoelectronics

Part # PAM2303
Description  3A Low Noise Step-Down DC-DC Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM2303 Datasheet(HTML) 4 Page - Power Analog Micoelectronics

  PAM2303 Datasheet HTML 1Page - Power Analog Micoelectronics PAM2303 Datasheet HTML 2Page - Power Analog Micoelectronics PAM2303 Datasheet HTML 3Page - Power Analog Micoelectronics PAM2303 Datasheet HTML 4Page - Power Analog Micoelectronics PAM2303 Datasheet HTML 5Page - Power Analog Micoelectronics PAM2303 Datasheet HTML 6Page - Power Analog Micoelectronics PAM2303 Datasheet HTML 7Page - Power Analog Micoelectronics PAM2303 Datasheet HTML 8Page - Power Analog Micoelectronics PAM2303 Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Electrical Characteristic
T =25
,
unless otherwise noted.
A
°C Vin=3.6V, Vo=1.8V, Cin=33uF,Co=22uF, L=2.2uH,
4
,
Power Analog Microelectronics Inc
www.poweranalog.com
PARAMETER
SYMBOL
Test Conditions
MIN
TYP
MAX
UNITS
Input Voltage Range
VIN
2.7
5.5
V
Output Voltage Range
VO
0.6
VIN
V
VIN Rising
2.4
2.5
V
Hys teresis
240
mV
UVLO Threshold
VUVLO
VIN Falling
1.8
V
Regulated Output Voltage Accuary
VO
IO = 0 to 3A
-3
+3
%
Regulated Feedback Voltage
VF B
0.591
0.6
0.609
V
FB Leak age Current
IF B
VO=1V
-50
+50
nA
Output Voltage Line Regulation
LNR
VIN = 2.5V to 5V
0.2
%/V
Output Voltage Load Regulation
LDR
IO=0A to 3A
0.5
%/A
Quiescent Current
IQ
No load
42
90
µA
Shutdown Current
ISD
VEN = 0V
1
µA
Current Limit
ILIM
4
A
Oscillator Frequency
fO SC
1.2
1.5
1.8
MHz
High Side
85
m
Ω
Drain-Source On-State Resistanc e
RDS(ON)
Low Side
60
m
Ω
High Efficiency
η
95
%
PSM Threshold
IT H
Vin=3.3V,Vo=1.2V,L=1uH
450
mA
Analog Soft Start Time
tS
From enable to output
regulation
0.5
ms
EN Threshold High
VEH
1.5
V
EN Threshold Low
VEL
0.3
V
EN Leakage Current
IEN
VIN=VEN = 0V
-1.0
1.0
µA
Over Temperature Protection
OTP
150
°C
OTP Hysteresis
OTH
30
°C
PAM2303
3A Low Noise Step-Down DC-DC Converter
11/2011 Rev1.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com