Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAM2304 Datasheet(PDF) 12 Page - Power Analog Micoelectronics

Part # PAM2304
Description  3MHz, 1A Step-Down DC-DC Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM2304 Datasheet(HTML) 12 Page - Power Analog Micoelectronics

Back Button PAM2304 Datasheet HTML 6Page - Power Analog Micoelectronics PAM2304 Datasheet HTML 7Page - Power Analog Micoelectronics PAM2304 Datasheet HTML 8Page - Power Analog Micoelectronics PAM2304 Datasheet HTML 9Page - Power Analog Micoelectronics PAM2304 Datasheet HTML 10Page - Power Analog Micoelectronics PAM2304 Datasheet HTML 11Page - Power Analog Micoelectronics PAM2304 Datasheet HTML 12Page - Power Analog Micoelectronics PAM2304 Datasheet HTML 13Page - Power Analog Micoelectronics PAM2304 Datasheet HTML 14Page - Power Analog Micoelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
Outline Dimensions
12
,
Power Analog Microelectronics Inc
www.poweranalog.com
PAM2304
3MHz, 1A Step-Down DC-DC Converter
L REF.
L1 (REF.)
θ
TSOT23-5
Millimeter
REF.
Min
Max
A
1.10 MAX
A1
0
0.10
A2
0.70
1
c
0.12 REF.
D
2.70
3.10
E
2.60
3.00
E1
1.40
1.80
L
0.45 REF.
L1
0.60 REF.
θ
0º
10º
b
0.30
0.50
e
0.95 REF.
e1
1.90 REF.
D
e1
b
e
11/2011 Rev1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com