Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAM2305D Datasheet(PDF) 7 Page - Power Analog Micoelectronics

Part # PAM2305D
Description  1A Step-Down DC-DC Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM2305D Datasheet(HTML) 7 Page - Power Analog Micoelectronics

Back Button PAM2305D Datasheet HTML 3Page - Power Analog Micoelectronics PAM2305D Datasheet HTML 4Page - Power Analog Micoelectronics PAM2305D Datasheet HTML 5Page - Power Analog Micoelectronics PAM2305D Datasheet HTML 6Page - Power Analog Micoelectronics PAM2305D Datasheet HTML 7Page - Power Analog Micoelectronics PAM2305D Datasheet HTML 8Page - Power Analog Micoelectronics PAM2305D Datasheet HTML 9Page - Power Analog Micoelectronics PAM2305D Datasheet HTML 10Page - Power Analog Micoelectronics PAM2305D Datasheet HTML 11Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
PAM2305D
1A Step-Down DC-DC Converter
7
,
Power Analog Microelectronics Inc
www.poweranalog.com
Typical Performance Characteristics
°C
T =25
, C =10 F, C =10 F, L=4.7 H,Vo=1.2V, unless otherwise noted.
A
IN
O
μ
μ
μ
Reference Voltage vs Load Current
Vo=1.2V
02/2012 Rev1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
2
3
4
5
6
7
Supply Voltage(V)
1.50
1.52
1.54
1.56
1.58
20
40
60
80
100
120
140
Temperature(℃)
Oscillator Frequency vs Supply Voltage
Oscillator Frequency vs Temperature
Output Voltage vs Load Current
Load Transient
Io=0-1A, Vo=3.3V, Vin=5V
Load Transient
Io=0-1A, Vo=1.2V, Vin=5V
Output
Voltage
Output
Current
Output
Current
1. 200
1. 205
1. 210
1. 215
1. 220
1. 225
1. 230
1. 235
0
200
400
600
800
1000
Output Current(m A )
Vi n=3.6V
Vi n=4.2V
Vi n=5.0V
598
600
602
604
606
608
610
612
614
0
200
400
6 00
800
1000
Output Current(mA)
Vin=3.6V
Vin=4.2V
Vin=5.0V
Output
Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com