Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAM2306D Datasheet(PDF) 7 Page - Power Analog Micoelectronics

Part # PAM2306D
Description  Dual High-Efficiency PWM Step-Down DC-DC Coverter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM2306D Datasheet(HTML) 7 Page - Power Analog Micoelectronics

Back Button PAM2306D Datasheet HTML 3Page - Power Analog Micoelectronics PAM2306D Datasheet HTML 4Page - Power Analog Micoelectronics PAM2306D Datasheet HTML 5Page - Power Analog Micoelectronics PAM2306D Datasheet HTML 6Page - Power Analog Micoelectronics PAM2306D Datasheet HTML 7Page - Power Analog Micoelectronics PAM2306D Datasheet HTML 8Page - Power Analog Micoelectronics PAM2306D Datasheet HTML 9Page - Power Analog Micoelectronics PAM2306D Datasheet HTML 10Page - Power Analog Micoelectronics PAM2306D Datasheet HTML 11Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7
,
Power Analog Microelectronics Inc
www.poweranalog.com
Typical Performance Characteristics
°C
T =25
, C =10 F, C =10 F, L=4.7 H, unless otherwise noted.
A
IN
O
μ
μ
μ
PAM2306D
Dual High-Efficiency PWM Step-Down DC-DC Coverter
02/2012 Rev1.1
Efficiency vs Input Voltage (Vo=2.5V)
Efficiency vs Output Current (
)
Vo=3.3V
Efficiency vs Input Voltage (Vo=3.3V)
Quiescent Current vs Input Voltage
Rdson vs Input Voltage
Efficiency vs Output Current (Vo=2.5V)
40
50
60
70
80
90
100
1
10
100
1000
Output Current(mA)
Vin=3.6V
Vin=4.2V
Vin=5.0V
60
64
68
72
76
80
84
88
92
96
2. 5
3. 5
4.5
5.5
Input Voltage(V)
Io=10mA
Io=100mA
Io=1000mA
60
65
70
75
80
85
90
95
100
1
10
100
1000
Output Current(mA)
Vin=4.2V
Vin=5.0V
Vin=5.5V
60
65
70
75
80
85
90
95
100
4.0
4.5
5.0
5.5
Input Voltage(V)
Io=10mA
Io=100mA
Io=1000mA
36
37
38
39
40
41
42
43
2.5
3
3.5
4
4.5
5
5.5
Input Votage(V)
Vout=1.2V
Vout=1.8V
Vout=3.3V
0.24
0.26
0.28
0.3
0.32
0.34
0.36
2.5
3
3.5
4
4.5
5
5.5
Input Votage(V)
Vout=1.2V
Vout=2.5V
Vout=3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com