Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAM2320 Datasheet(PDF) 6 Page - Power Analog Micoelectronics

Part # PAM2320
Description  3A Low Noise Step-Down DC-DC Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM2320 Datasheet(HTML) 6 Page - Power Analog Micoelectronics

Back Button PAM2320 Datasheet HTML 2Page - Power Analog Micoelectronics PAM2320 Datasheet HTML 3Page - Power Analog Micoelectronics PAM2320 Datasheet HTML 4Page - Power Analog Micoelectronics PAM2320 Datasheet HTML 5Page - Power Analog Micoelectronics PAM2320 Datasheet HTML 6Page - Power Analog Micoelectronics PAM2320 Datasheet HTML 7Page - Power Analog Micoelectronics PAM2320 Datasheet HTML 8Page - Power Analog Micoelectronics PAM2320 Datasheet HTML 9Page - Power Analog Micoelectronics PAM2320 Datasheet HTML 10Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
,
Power Analog Microelectronics Inc
www.poweranalog.com
PAM2320
3A Low Noise Step-Down DC-DC Converter
Output Voltage
Vo=1.8V
vs Output Current (
)
Output Voltage vs Output Current (Vo=1.2V)
Load Regulation (Vo=1.2V)
Load Regulation (Vo=1.8V)
Load Regulation (Vo=3.3V)
Typical Performance Characteristics
°C
T =25
, C =33uF,Co=22 F unless otherwise noted.
A
IN
μ
05/2011 Rev1.0
Output Voltage
Vo=3.3V
vs Output Current (
)
1.16
1 .165
1.17
1 .175
1.18
1 .185
1.19
1 .195
1.2
0
5 00
1000
1500
2000
2 500
3000
Output Current (mA)
3.3V
4.2V
5V
-2.0%
-1.8%
-1.6%
-1.4%
-1.1%
-0.9%
-0.7%
-0.5%
-0.3%
-0.1%
0.1%
1
10
100
1000
10000
Output Current (mA)
3.3V
4.2V
5V
1.76
1.77
1.78
1.79
1.8
1.81
1.82
0
500
1000
1500
2000
2500
3000
Output Current (mA)
3.3V
4.2V
5V
-2.0%
-1.8%
-1.6%
-1.4%
-1.2%
-1.0%
-0.8%
-0.6%
-0.4%
-0.2%
0.0%
1
10
100
1000
10000
Output Current (mA)
3.3V
4.2V
5V
3.26
3.265
3.27
3.275
3.28
3.285
3.29
0
500
1000
1500
2000
2500
3000
Output Current (mA)
4.2V
5V
5.5V
-1.0%
-0.8%
-0.6%
-0.4%
-0.2%
0.1%
1
10
100
1000
10000
Output Current (mA)
4.2V
5V
5.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com