Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAM2423 Datasheet(PDF) 8 Page - Power Analog Micoelectronics

Part # PAM2423
Description  3A,4.5A,5.5A PWM Step-Up DC/DC Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM2423 Datasheet(HTML) 8 Page - Power Analog Micoelectronics

  PAM2423 Datasheet HTML 1Page - Power Analog Micoelectronics PAM2423 Datasheet HTML 2Page - Power Analog Micoelectronics PAM2423 Datasheet HTML 3Page - Power Analog Micoelectronics PAM2423 Datasheet HTML 4Page - Power Analog Micoelectronics PAM2423 Datasheet HTML 5Page - Power Analog Micoelectronics PAM2423 Datasheet HTML 6Page - Power Analog Micoelectronics PAM2423 Datasheet HTML 7Page - Power Analog Micoelectronics PAM2423 Datasheet HTML 8Page - Power Analog Micoelectronics PAM2423 Datasheet HTML 9Page - Power Analog Micoelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Ordering Information
8
,
Power Analog Microelectronics Inc
www.poweranalog.com
02/2012 Rev1.1
PAM 242x X X X xxx X
Output Voltage
Number of Pins
Package Type
Pin Configuration
Shipping Package
Part Number
Peak Current
Package Type
Shipping Package
PAM2421AECADJR
3A
SOP-8(EP)
2,500 Units/Tape & Reel
PAM2422AECADJR
4.5A
SOP-8(EP)
2,500 Units/Tape & Reel
PAM2423AECADJR
5.5A
SOP-8(EP)
2,500 Units/Tape & Reel
PAM2421,PAM2422,PAM2423
3A,4.5A,5.5A PWM Step-Up DC/DC Converter
Pin Configuration
Package Type
Number of Pins
Output Voltage
A Type
E: SO P-8(EP)
C: 8
ADJ: Adjustable



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com