Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAM2423AECADJR Datasheet(PDF) 2 Page - Power Analog Micoelectronics

Part # PAM2423AECADJR
Description  3A,4.5A,5.5A PWM Step-Up DC/DC Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM2423AECADJR Datasheet(HTML) 2 Page - Power Analog Micoelectronics

  PAM2423AECADJR Datasheet HTML 1Page - Power Analog Micoelectronics PAM2423AECADJR Datasheet HTML 2Page - Power Analog Micoelectronics PAM2423AECADJR Datasheet HTML 3Page - Power Analog Micoelectronics PAM2423AECADJR Datasheet HTML 4Page - Power Analog Micoelectronics PAM2423AECADJR Datasheet HTML 5Page - Power Analog Micoelectronics PAM2423AECADJR Datasheet HTML 6Page - Power Analog Micoelectronics PAM2423AECADJR Datasheet HTML 7Page - Power Analog Micoelectronics PAM2423AECADJR Datasheet HTML 8Page - Power Analog Micoelectronics PAM2423AECADJR Datasheet HTML 9Page - Power Analog Micoelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Block Diagram
2
www.poweranalog.com
,
Power Analog Microelectronics Inc
02/2012 Rev1.1
Pin Configuration & Marking Information
PCN: Product Code of PAM242x
XXX: Internal Code
V:
Voltage Code
Y:
Year
W:
Week
Top View
SOP-8(EP)
1
2
3
4
5
6
7
8
PGND
VIN
EN
COMP
SW
SS
FB
AGND
PAM2421,PAM2422,PAM2423
3A,4.5A,5.5A PWM Step-Up DC/DC Converter



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com