Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAM3110 Datasheet(PDF) 1 Page - Power Analog Micoelectronics

Part # PAM3110
Description  1.5A Low Dropout Voltage CMOS Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM3110 Datasheet(HTML) 1 Page - Power Analog Micoelectronics

  PAM3110 Datasheet HTML 1Page - Power Analog Micoelectronics PAM3110 Datasheet HTML 2Page - Power Analog Micoelectronics PAM3110 Datasheet HTML 3Page - Power Analog Micoelectronics PAM3110 Datasheet HTML 4Page - Power Analog Micoelectronics PAM3110 Datasheet HTML 5Page - Power Analog Micoelectronics PAM3110 Datasheet HTML 6Page - Power Analog Micoelectronics PAM3110 Datasheet HTML 7Page - Power Analog Micoelectronics PAM3110 Datasheet HTML 8Page - Power Analog Micoelectronics PAM3110 Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Typical Application Circuit
PAM3110
1.5A Low Dropout Voltage CMOS Regulator
1
www.poweranalog.com
06/2011 Rev2.2
,
Power Analog Microelectronics Inc
Features
n Output Current: Up to 1.5A
,
Pb-Free Package
DSP, FPGA and Microprocessor Power
Supplies
SATA Power Supply
LCD TV/Monitors
Wireless Devices
Communication Devices
Portable Electronics
Post Regulator for SMPS
The PAM3110 is a 1.5A CMOS LDO regulator that
features a low quiescent current and low dropout
voltages, as well as over temperature shutdown.
The fixed output voltage of the PAM3110 is set at
the factory and trimmed to ±1.5%. The PAM3110
is stable with a ceramic output capacitor of 4.7 F
or higher.
This family of regulators can provide either a
stand-alone power supply solution or act as a
post regulator for switch mode power supplies.
They are particularly suitable for applications
requiring low input and output voltages.
PAM3110 is available in SOT-223,TO-252 and
TO-263-2L package.
n
n
n
n
n
n
n
n
Output Voltages:1.2V, 1.5V,1.8V, 2.5V 3.3V
and 5.0V
Stable with a Ceramic Output Capacitor
Dropout Voltage: 400mV@1.5A
Low Quiescent Current
Over Temperature Shutdown
Short Circuit Protection
Low Temperature Coefficient
Applications
General Description
n
n
n
n
n
n
n
μ
V
IN
C
4.7
μF
IN
C
OUT
4.7 F
μ
VIN
VOUT
GND
PAM3110
V
O
Block Diagram
Over Cur r ent
Shut do wn
T her mal
Shut dow n
AMP
IN
OU T
GN D
R2
R 1


Similar Part No. - PAM3110

ManufacturerPart #DatasheetDescription
logo
Power Analog Micoelectr...
PAM3112 PAM-PAM3112 Datasheet
566Kb / 16P
300mA CMOS Linear Regulator
PAM3112AAA120 PAM-PAM3112AAA120 Datasheet
566Kb / 16P
300mA CMOS Linear Regulator
PAM3112AAA130 PAM-PAM3112AAA130 Datasheet
566Kb / 16P
300mA CMOS Linear Regulator
PAM3112ACA120 PAM-PAM3112ACA120 Datasheet
566Kb / 16P
300mA CMOS Linear Regulator
PAM3112ACA130 PAM-PAM3112ACA130 Datasheet
566Kb / 16P
300mA CMOS Linear Regulator
More results

Similar Description - PAM3110

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G5U2188 GTM-G5U2188 Datasheet
540Kb / 7P
1.5A CMOS Low Dropout Voltage Regulator
GL2138 GTM-GL2138 Datasheet
432Kb / 5P
1.5A CMOS LOW DROPOUT VOLTAGE REGULATOR
GL2148 GTM-GL2148 Datasheet
436Kb / 5P
1.5A CMOS LOW DROPOUT VOLTAGE REGULATOR
GSC2118 GTM-GSC2118 Datasheet
543Kb / 7P
1.5A CMOS LOW DROPOUT VOLTAGE REGULATOR
GSC2138 GTM-GSC2138 Datasheet
543Kb / 7P
1.5A CMOS LOW DROPOUT VOLTAGE REGULATOR
GSC2139 GTM-GSC2139 Datasheet
516Kb / 7P
1.5A CMOS LOW DROPOUT VOLTAGE REGULATOR
GSCLP2951 GTM-GSCLP2951 Datasheet
225Kb / 4P
1.5A CMOS LOW DROPOUT VOLTAGE REGULATOR
logo
SeCoS Halbleitertechnol...
S5J2188 SECOS-S5J2188 Datasheet
1Mb / 7P
1.5A CMOS Low Dropout Voltage Regulator
S5U2188 SECOS-S5U2188 Datasheet
1Mb / 7P
1.5A CMOS Low Dropout Voltage Regulator
logo
Power Analog Micoelectr...
PAM3116 PAM-PAM3116 Datasheet
322Kb / 11P
1.5A Low Dropout Voltage CMOS Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com